Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R66ED3100AA10K Datasheet(PDF) 8 Page - Kemet Corporation

Part # R66ED3100AA10K
Description  R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R66ED3100AA10K Datasheet(HTML) 8 Page - Kemet Corporation

Back Button R66ED3100AA10K Datasheet HTML 4Page - Kemet Corporation R66ED3100AA10K Datasheet HTML 5Page - Kemet Corporation R66ED3100AA10K Datasheet HTML 6Page - Kemet Corporation R66ED3100AA10K Datasheet HTML 7Page - Kemet Corporation R66ED3100AA10K Datasheet HTML 8Page - Kemet Corporation R66ED3100AA10K Datasheet HTML 9Page - Kemet Corporation R66ED3100AA10K Datasheet HTML 10Page - Kemet Corporation R66ED3100AA10K Datasheet HTML 11Page - Kemet Corporation R66ED3100AA10K Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3102_R66 • 5/12/2017
8
General Purpose Metallized Polyester Film Capacitors
R66, Radial, 7.5 mm Lead Spacing, 50 – 630 VDC (Automotive Grade)
VDC
VAC Capacitance
Value (µF)
Dimensions in mm
Lead
Spacing
dV/dt
(V/
µs)
Maximum K
0
(V2/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
50
30
0.68
3.0
8.0
10.0
7.5
100
10000
66CD3680(1)6A(2)
R66CD3680(1)6A(2)
50
30
1.0
3.0
8.0
10.0
7.5
100
10000
66CD4100(1)6A(2)
R66CD4100(1)6A(2)
50
30
1.5
4.0
9.0
10.0
7.5
100
10000
66CD4150(1)6A(2)
R66CD4150(1)6A(2)
50
30
2.2
5.0
10.5
10.0
7.5
100
10000
66CD4220(1)6A(2)
R66CD4220(1)6A(2)
50
30
4.7
6.0
12.0
10.5
7.5
100
10000
66CD4470(1)6A(2)
R66CD4470(1)6A(2)
63
40
0.33
3.0
8.0
10.0
7.5
120
15120
66DD3330(1)7A(2)
R66DD3330(1)7A(2)
63
40
0.47
3.0
8.0
10.0
7.5
120
15120
66DD3470(1)6A(2)
R66DD3470(1)6A(2)
63
40
0.68
4.0
9.0
10.0
7.5
120
15120
66DD3680(1)7A(2)
R66DD3680(1)7A(2)
63
40
1.0
4.0
9.0
10.0
7.5
120
15120
66DD4100(1)7A(2)
R66DD4100(1)7A(2)
63
40
1.5
5.0
10.5
10.0
7.5
120
15120
66DD4150(1)7A(2)
R66DD4150(1)7A(2)
63
40
2.2
6.0
12.0
10.5
7.5
120
15120
66DD4220(1)6A(2)
R66DD4220(1)6A(2)
63
40
3.3
6.0
12.0
10.5
7.5
120
15120
66DD4330(1)6A(2)
R66DD4330(1)6A(2)
100
63
0.068
3.0
8.0
10.0
7.5
150
30000
66ED2680(1)7A(2)
R66ED2680(1)7A(2)
100
63
0.10
3.0
8.0
10.0
7.5
150
30000
66ED3100(1)7A(2)
R66ED3100(1)7A(2)
100
63
0.15
3.0
8.0
10.0
7.5
150
30000
66ED3150(1)7A(2)
R66ED3150(1)7A(2)
100
63
0.22
3.0
8.0
10.0
7.5
150
30000
66ED3220(1)7A(2)
R66ED3220(1)7A(2)
100
63
0.33
4.0
9.0
10.0
7.5
150
30000
66ED3330(1)7A(2)
R66ED3330(1)7A(2)
100
63
0.47
4.0
9.0
10.0
7.5
150
30000
66ED3470(1)7A(2)
R66ED3470(1)7A(2)
100
63
0.68
4.0
9.0
10.0
7.5
150
30000
66ED3680(1)7A(2)
R66ED3680(1)7A(2)
100
63
1.0
5.0
10.5
10.0
7.5
150
30000
66ED4100(1)7A(2)
R66ED4100(1)7A(2)
100
63
1.5
6.0
12.0
10.5
7.5
150
30000
66ED4150(1)6A(2)
R66ED4150(1)6A(2)
250
160
0.022
3.0
8.0
10.0
7.5
200
100000
66ID2220(1)7A(2)
R66ID2220(1)7A(2)
250
160
0.033
3.0
8.0
10.0
7.5
200
100000
66ID2330(1)7A(2)
R66ID2330(1)7A(2)
250
160
0.047
3.0
8.0
10.0
7.5
200
100000
66ID2470(1)7A(2)
R66ID2470(1)7A(2)
250
160
0.068
3.0
8.0
10.0
7.5
200
100000
66ID2680(1)6A(2)
R66ID2680(1)6A(2)
250
160
0.10
4.0
9.0
10.0
7.5
200
100000
66ID3100(1)7A(2)
R66ID3100(1)7A(2)
250
160
0.15
4.0
9.0
10.0
7.5
200
100000
66ID3150(1)7A(2)
R66ID3150(1)7A(2)
250
160
0.22
5.0
10.5
10.0
7.5
200
100000
66ID3220(1)7A(2)
R66ID3220(1)7A(2)
250
160
0.33
6.0
12.0
10.5
7.5
200
100000
66ID3330(1)6A(2)
R66ID3330(1)6A(2)
400
200
0.0068
3.0
8.0
10.0
7.5
275
220000
66MD1680(1)7A(2)
R66MD1680(1)7A(2)
400
200
0.010
3.0
8.0
10.0
7.5
275
220000
66MD2100(1)7A(2)
R66MD2100(1)7A(2)
400
200
0.015
3.0
8.0
10.0
7.5
275
220000
66MD2150(1)7A(2)
R66MD2150(1)7A(2)
400
200
0.022
3.0
8.0
10.0
7.5
275
220000
66MD2220(1)6A(2)
R66MD2220(1)6A(2)
400
200
0.033
4.0
9.0
10.0
7.5
275
220000
66MD2330(1)7A(2)
R66MD2330(1)7A(2)
400
200
0.047
4.0
9.0
10.0
7.5
275
220000
66MD2470(1)7A(2)
R66MD2470(1)7A(2)
400
200
0.068
5.0
10.5
10.0
7.5
275
220000
66MD2680(1)7A(2)
R66MD2680(1)7A(2)
400
200
0.10
6.0
12.0
10.5
7.5
275
220000
66MD3100(1)6A(2)
R66MD3100(1)6A(2)
400
200
0.15
6.0
12.0
10.5
7.5
275
220000
66MD3150(1)6A(2)
R66MD3150(1)6A(2)
630
220
0.0010
3.0
8.0
10.0
7.5
40
50400
66PD1100(1)10(2)
R66PD1100(1)10(2)
630
220
0.0015
3.0
8.0
10.0
7.5
40
50400
66PD1150(1)10(2)
R66PD1150(1)10(2)
630
220
0.0022
3.0
8.0
10.0
7.5
40
50400
66PD1220(1)10(2)
R66PD1220(1)10(2)
630
220
0.0033
3.0
8.0
10.0
7.5
40
50400
66PD1330(1)10(2)
R66PD1330(1)10(2)
630
220
0.0047
3.0
8.0
10.0
7.5
40
50400
66PD1470(1)10(2)
R66PD1470(1)10(2)
630
220
0.0068
4.0
9.0
10.0
7.5
40
50400
66PD1680(1)10(2)
R66PD1680(1)10(2)
630
220
0.010
4.0
9.0
10.0
7.5
300
378000
66PD2100(1)7A(2)
R66PD2100(1)7A(2)
630
220
0.015
4.0
9.0
10.0
7.5
300
378000
66PD2150(1)7A(2)
R66PD2150(1)7A(2)
630
220
0.022
5.0
10.5
10.0
7.5
300
378000
66PD2220(1)7A(2)
R66PD2220(1)7A(2)
630
220
0.033
6.0
12.0
10.5
7.5
300
378000
66PD2330(1)6A(2)
R66PD2330(1)6A(2)
630
220
0.047
6.0
12.0
10.5
7.5
300
378000
66PD2470(1)6A(2)
R66PD2470(1)6A(2)
VDC
VAC
Capacitance
Value (µF)
B (mm)
H
(mm)
L (mm)
Lead
Spacing
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy Part Number
Table 1 – Ratings & Part Number Reference
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) J = 5%, K = 10%, M = 20%
Bold denotes wound capacitor technology


Similar Part No. - R66ED3100AA10K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R66ED3100AA7AK KEMET-R66ED3100AA7AK Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R66, 0.1 uF, 10%, 100 V, 85C, Lead Spacing = 7.5mm
More results

Similar Description - R66ED3100AA10K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
RSBDC3100AA00J KEMET-RSBDC3100AA00J Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
R82DC3470AA60J KEMET-R82DC3470AA60J Datasheet
1Mb / 16P
   R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
R66ID2470Z37AK KEMET-R66ID2470Z37AK Datasheet
227Kb / 1P
   R66, Film, Metallized Polyester Stacked, Automotive Grade, 0.047 uF, 10%, 250 VDC, 85°C, Lead Spacing = 7.5mm
10/20/2022
R75PD1680Z340J KEMET-R75PD1680Z340J Datasheet
57Kb / 1P
   Capacitor, film, 6800 pF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=7.5 mm
R76PD1100SE00J KEMET-R76PD1100SE00J Datasheet
55Kb / 1P
   Capacitor, film, 1000 pF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=7.5 mm
R75PI239050H3J KEMET-R75PI239050H3J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.039 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R75PI227050H0J KEMET-R75PI227050H0J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.027 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R75PI282050H3J KEMET-R75PI282050H3J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.082 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R75PR418050H3J KEMET-R75PR418050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 1.8 uF, 5%, 630 VDC, 105째C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com