Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSTF4050C Datasheet(PDF) 2 Page - Littelfuse

Part # DSTF4050C
Description  High frequency operation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DSTF4050C Datasheet(HTML) 2 Page - Littelfuse

  DSTF4050C Datasheet HTML 1Page - Littelfuse DSTF4050C Datasheet HTML 2Page - Littelfuse DSTF4050C Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Schottky Barrier Rectifier
©2016 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:02/03/16
DSTF4050C, 2x20A, 50V, ITO-220AB, Common Cathode
Thermal-Mechanical Specifications
Figure 1:Typical Forward Characteristics
Figure 2:Typical Reverse Characteristics
ºC
Figure 3:Typical Junction Capacitance
ºC
ºC
ºC
ºC
Parameters
Symbol
Test Conditions
Max
Unit
Junction Temperature
T
J
-55 to +150
°C
Storage Temperature
T
stg
-55 to +150
°C
Thermal Resistance Junction to
Case (per leg)
R
thJC
DC operation
5.0
°C/W
Approximate Weight
wt
2
g
Case Style
ITO-220AB


Similar Part No. - DSTF4050C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DSTF40100C LITTELFUSE-DSTF40100C Datasheet
707Kb / 3P
   High frequency operation
DSTF40120C LITTELFUSE-DSTF40120C Datasheet
706Kb / 3P
   High frequency operation
DSTF40150C LITTELFUSE-DSTF40150C Datasheet
712Kb / 3P
   High frequency operation
DSTF4045C LITTELFUSE-DSTF4045C Datasheet
686Kb / 3P
   High frequency operation
DSTF4060C LITTELFUSE-DSTF4060C Datasheet
695Kb / 3P
   High frequency operation
More results

Similar Description - DSTF4050C

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
124NQ-1 SMC-124NQ-1 Datasheet
217Kb / 4P
   High frequency operation
STD20150 SMC-STD20150 Datasheet
208Kb / 5P
   High frequency operation
logo
Littelfuse
DST2080S LITTELFUSE-DST2080S Datasheet
735Kb / 3P
   High frequency operation
DST20150C LITTELFUSE-DST20150C Datasheet
981Kb / 3P
   High frequency operation
DSTB2045C LITTELFUSE-DSTB2045C Datasheet
627Kb / 3P
   High frequency operation
DST2045AX LITTELFUSE-DST2045AX Datasheet
921Kb / 3P
   High frequency operation
DSTF30100S LITTELFUSE-DSTF30100S Datasheet
642Kb / 3P
   High frequency operation
DST2060C LITTELFUSE-DST2060C Datasheet
660Kb / 3P
   High frequency operation
logo
Vishay Siliconix
VS-241NQ045PBF VISHAY-VS-241NQ045PBF Datasheet
127Kb / 6P
   High frequency operation
Revision: 19-Mar-15
logo
Littelfuse
DSTF4060C LITTELFUSE-DSTF4060C Datasheet
695Kb / 3P
   High frequency operation
DSTF20120C LITTELFUSE-DSTF20120C Datasheet
700Kb / 3P
   High frequency operation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com