Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R66ID3100AA7AJ Datasheet(PDF) 5 Page - Kemet Corporation

Part # R66ID3100AA7AJ
Description  R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R66ID3100AA7AJ Datasheet(HTML) 5 Page - Kemet Corporation

  R66ID3100AA7AJ Datasheet HTML 1Page - Kemet Corporation R66ID3100AA7AJ Datasheet HTML 2Page - Kemet Corporation R66ID3100AA7AJ Datasheet HTML 3Page - Kemet Corporation R66ID3100AA7AJ Datasheet HTML 4Page - Kemet Corporation R66ID3100AA7AJ Datasheet HTML 5Page - Kemet Corporation R66ID3100AA7AJ Datasheet HTML 6Page - Kemet Corporation R66ID3100AA7AJ Datasheet HTML 7Page - Kemet Corporation R66ID3100AA7AJ Datasheet HTML 8Page - Kemet Corporation R66ID3100AA7AJ Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3102_R66 • 5/12/2017
5
General Purpose Metallized Polyester Film Capacitors
R66, Radial, 7.5 mm Lead Spacing, 50 – 630 VDC (Automotive Grade)
Maximum Voltage (V
rms) vs. Frequency (Sinusoidal Waveform/Th ≤ 40°C)
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
63 Vdc / 40 Vac
0.33 µF p=7.5
0.68 µF p=7.5
1.5 µF p=7.5
3.3 µF p=7.5
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
100 Vdc / 63 Vac
0.1 µF p=7.5
0.22 µF p=7.5
0.47 µF p=7.5
1
µF p=7.5
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
250 Vdc / 160 Vac
0.033 µF p=7.5
0.068 µF p=7.5
0.15 µF p=7.5
0.33 µF p=7.5
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
400 Vdc / 200 Vac
0.01 µF p=7.5
0.022 µF p=7.5
0.047 µF p=7.5
0.15 µF p=7.5
1
10
100
1000
0.1
1
10
100
Vrms [V]
f [kHz]
630 Vdc / 220 Vac
0.001 µF p=7.5
0.01 µF p=7.5
0.022 µF p=7.5
0.047 µF p=7.5


Similar Part No. - R66ID3100AA7AJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R66ID3220AA7AK KEMET-R66ID3220AA7AK Datasheet
54Kb / 1P
   R66, Film, Metallized Polyester Stacked, Commercial Grade, 0.22 uF, 10%, 250 V, 85C, Lead Spacing = 7.5mm
More results

Similar Description - R66ID3100AA7AJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
RSBDC3100AA00J KEMET-RSBDC3100AA00J Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
R82DC3470AA60J KEMET-R82DC3470AA60J Datasheet
1Mb / 16P
   R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
R66ID2470Z37AK KEMET-R66ID2470Z37AK Datasheet
227Kb / 1P
   R66, Film, Metallized Polyester Stacked, Automotive Grade, 0.047 uF, 10%, 250 VDC, 85°C, Lead Spacing = 7.5mm
10/20/2022
R75PD1680Z340J KEMET-R75PD1680Z340J Datasheet
57Kb / 1P
   Capacitor, film, 6800 pF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=7.5 mm
R76PD1100SE00J KEMET-R76PD1100SE00J Datasheet
55Kb / 1P
   Capacitor, film, 1000 pF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=7.5 mm
R75PI239050H3J KEMET-R75PI239050H3J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.039 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R75PI227050H0J KEMET-R75PI227050H0J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.027 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R75PI282050H3J KEMET-R75PI282050H3J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.082 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R75PR418050H3J KEMET-R75PR418050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 1.8 uF, 5%, 630 VDC, 105째C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com