Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACNT-H79A Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # ACNT-H79A
Description  Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACNT-H79A Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button ACNT-H79A Datasheet HTML 4Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 5Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 6Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 7Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 8Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 9Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 10Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 11Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Broadcom
- 8 -
ACNT-H79A, ACNT-H790
Data Sheet
Typical Performance Plots
Typical Performance Plots
Unless otherwise noted, TA = 25°C, VDD1 = 5 V, VDD2 = 3.3 V.
Figure 3 Input Offset vs. Supply VDD1
Figure 4 Input Offset vs. Supply VDD2
VDD2 = 5.0V
VDD2 = 3.3V
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
4.50
4.75
5.00
5.25
5.50
VDD1 - SUPPLY VOLTAGE - V
VDD1 = 5.0V
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
3.0
3.5
4.0
4.5
5.0
5.5
VDD2 - SUPPLY VOLTAGE - V
Figure 5 Input Offset vs. Temperature
Figure 6 Gain vs. Supply VDD1
-1.2
-1.1
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-40
-20
0
20
40
60
80
100
120
TA - TEMPERATURE - °C
VDD2 = 5.0V
VDD2 = 3.3V
8.16
8.17
8.18
8.19
8.20
8.21
8.22
8.23
8.24
4.50
4.75
5.00
5.25
5.50
VDD1 - SUPPLY VOLTAGE - V
Figure 7 Gain vs. Supply VDD2
Figure 8 Gain vs. Temperature
VDD1 = 5.0V
8.16
8.17
8.18
8.19
8.20
8.21
8.22
8.23
8.24
3.0
3.5
4.0
4.5
5.0
5.5
VDD2 - SUPPLY VOLTAGE - V
8.16
8.17
8.18
8.19
8.2
8.21
8.22
8.23
8.24
-40
-20
0
20
40
60
80
100
120
TA - TEMPERATURE - °C


Similar Part No. - ACNT-H79A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H79A BOARDCOM-ACNT-H79A Datasheet
979Kb / 16P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
More results

Similar Description - ACNT-H79A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H79B BOARDCOM-ACNT-H79B Datasheet
979Kb / 16P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
   Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P480 AVAGO-ACPL-P480 Datasheet
403Kb / 10P
   Available in Stretched SO-6 package
logo
Broadcom Corporation.
ACNT-H50L BOARDCOM-ACNT-H50L Datasheet
644Kb / 11P
   1-MBd Optocoupler in 15-mm Stretched SO8 Package
ACNT-H511 BOARDCOM-ACNT-H511 Datasheet
967Kb / 10P
   Open-Collector Output Optocoupler in 15-mm Stretched SO8 Package
logo
Texas Instruments
AMC1400 TI-AMC1400 Datasheet
1Mb / 38P
[Old version datasheet]   AMC1400 Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1400-Q1 TI-AMC1400-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1400-Q1 Automotive, Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com