Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACNT-H79A Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # ACNT-H79A
Description  Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACNT-H79A Datasheet(HTML) 5 Page - Broadcom Corporation.

  ACNT-H79A Datasheet HTML 1Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 2Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 3Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 4Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 5Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 6Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 7Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 8Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Broadcom
- 5 -
ACNT-H79A, ACNT-H790
Data Sheet
Table 5. Absolute Maximum Rating
Table 5. Absolute Maximum Rating
Table 6. Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
–55
+125
°C
Ambient Operating Temperature
TA
–40
+105
°C
Supply Voltages
VDD1, VDD2
–0.5
6.0
V
Steady-State Input Voltagea, b
a.
DC voltage of up to –2 V on the inputs does not cause latch-up or damage to the device; tested at typical operating conditions.
b.
Absolute maximum DC current on the inputs = 100mA, no latch-up or device damage occurs.
VIN+, VIN–
–2
VDD1 + 0.5
V
Two-Second Transient Input Voltagec
c.
Transient voltage of 2 seconds up to –6 V on the inputs does not cause latch-up or damage to the device; tested at typical operating conditions.
VIN+, VIN–
–6
VDD1 + 0.5
V
Output Voltages
VOUT+, VOUT–
–0.5
VDD2 + 0.5
V
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Parameter
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
–40
+105
°C
VDD1 Supply Voltage
VDD1
4.5
5.5
V
VDD2 Supply Voltage
VDD2
35.5
V
Input Voltage Rangea
a.
±200 mV is the nominal input range. Full scale input range (FSR) is ±300 mV. Functional input range is ±2 V.
VIN+, VIN–
–200
+200
mV


Similar Part No. - ACNT-H79A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H79A BOARDCOM-ACNT-H79A Datasheet
979Kb / 16P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
More results

Similar Description - ACNT-H79A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H79B BOARDCOM-ACNT-H79B Datasheet
979Kb / 16P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
   Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P480 AVAGO-ACPL-P480 Datasheet
403Kb / 10P
   Available in Stretched SO-6 package
logo
Broadcom Corporation.
ACNT-H50L BOARDCOM-ACNT-H50L Datasheet
644Kb / 11P
   1-MBd Optocoupler in 15-mm Stretched SO8 Package
ACNT-H511 BOARDCOM-ACNT-H511 Datasheet
967Kb / 10P
   Open-Collector Output Optocoupler in 15-mm Stretched SO8 Package
logo
Texas Instruments
AMC1400 TI-AMC1400 Datasheet
1Mb / 38P
[Old version datasheet]   AMC1400 Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1400-Q1 TI-AMC1400-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1400-Q1 Automotive, Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com