Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1510633303 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1510633303
Description  2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1510633303 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1510633303 Datasheet HTML 1Page - Molex Electronics Ltd. 1510633303 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +70°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
125V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-151062-0001-001
Sales Drawing
SD-151063-0001
This document was generated on 07/14/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1510633303

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1510633302 MOLEX1-1510633302 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold plating
1510633304 MOLEX1-1510633304 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold
1510633305 MOLEX1-1510633305 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold
1510633306 MOLEX1-1510633306 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold Plating
1510633307 MOLEX1-1510633307 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold Plating
More results

Similar Description - 1510633303

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1510633305 MOLEX1-1510633305 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold
1510633304 MOLEX1-1510633304 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold
1510633308 MOLEX1-1510633308 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold Plating
1510633302 MOLEX1-1510633302 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold plating
1510633306 MOLEX1-1510633306 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold Plating
1510633307 MOLEX1-1510633307 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.75關m Gold Plating
1510633154 MOLEX1-1510633154 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.05關m Gold
1510633153 MOLEX1-1510633153 Datasheet
45Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Single Row, Vertical, 0.05關m Gold
1510621305 MOLEX1-1510621305 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.75關m Gold
1510621308 MOLEX1-1510621308 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.75關m Gold
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com