Electronic Components Datasheet Search |
|
T520H157M016ATE0507280 Datasheet(PDF) 2 Page - Kemet Corporation |
|
T520H157M016ATE0507280 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2079_SSD • 9/27/2016 22 Solid State Drives/High Energy Applications Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC Environmental Compliance • RoHS compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder or Ni-Pd-Au • Halogen-free • Epoxy compliant with UL94 V–0 K-SIM For a detailed analysis of specific part numbers, please visit ksim.kemet.com to access KEMET’s K-SIM software. KEMET K-SIM is designed to simulate behavior of components with respect to frequency, ambient temperature, and DC bias levels. Ordering Information T 548 V 157 M 016 A T E050 Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance Rated Voltage (VDC) Failure Rate/ Design Termination Finish ESR Packaging (C-Spec) T = Tantalum 520 = Low Voltage 521 = High Voltage 523 = Facedown Terminal 545 = High Energy 548 = High Energy, Facedown Terminal B H J M O T V W X Y First two digits represent significant figures. Third digit specifies number of zeros. M = ±20% 006 = 6.3 010 = 10 016 = 16 020 = 20 035 = 35 A = N/A T = 100% Matte Tin (Sn) plated P* = Ni-Pd-Au plated ESR in mΩ Blank = 7" Reel 7280 = 13"Reel * P termination only available on T523/T548 part numbers Performance Characteristics Item Performance Characteristics Operating Temperature −55°C to 85°C/105°C (Refer to part number in Table 1 for maximum temperature rating) Rated Capacitance Range 22 μF – 1,500 μF at 120 Hz/25°C Capacitance Tolerance M Tolerance (20%) Rated Voltage Range 6.3 – 35 VDC DF (120 Hz) Refer to part number in Table 1 for electrical specification ESR (100 kHz) Refer to part number in Table 1 for electrical specification Leakage Current ≤ 0.1 CV (µA) at rated voltage after 5 minutes (Refer to part number in Table 1 for electrical specification) |
Similar Part No. - T520H157M016ATE0507280 |
|
Similar Description - T520H157M016ATE0507280 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |