Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SD Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # Q48SD
Description  Industry standard, DOSA compliant pin out
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SD Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  Q48SD Datasheet HTML 1Page - Delta Electronics, Inc. Q48SD Datasheet HTML 2Page - Delta Electronics, Inc. Q48SD Datasheet HTML 3Page - Delta Electronics, Inc. Q48SD Datasheet HTML 4Page - Delta Electronics, Inc. Q48SD Datasheet HTML 5Page - Delta Electronics, Inc. Q48SD Datasheet HTML 6Page - Delta Electronics, Inc. Q48SD Datasheet HTML 7Page - Delta Electronics, Inc. Q48SD Datasheet HTML 8Page - Delta Electronics, Inc. Q48SD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DS_Q48SD12025_05032012
3
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PARAMETER
NOTES and CONDITIONS
Q48SD12025 (Standard)
Min.
Typ.
Max.
Units
PMBus Monitoring CHARACTERISTICS
Output Current Reading Accuracy
Io=50% ~ 100% of Io, max;
-5
+5
%
Io=5% ~ 50% of Io, max;
-2
+2
A
Output Voltage Reading Accuracy
-2
+2
%
Input Voltage Reading Accuracy
-4
+4
%
Temperature Reading Accuracy
-5
+5
GENERAL SPECIFICATIONS
MTBF
Io=100% of Io, max; 300LFM; Ta=25°C
TBD
M hours
Weight
Without heat spreader
52.5
grams
Weight
With heat spreader
66.5
grams
Over-Temperature Shutdown ( Without heat spreader)
Refer to Figure 22 for Hot spot 1 location (48Vin,80%
Io, 200LFM,Airflow from Vin+ to Vin-)
128
°C
Over-Temperature Shutdown
(With heat spreader)
Refer to Figure 24 for Hot spot 2 location (48Vin,80%
Io, 200LFM,Airflow from Vin+ to Vin-)
120
°C
Over-Temperature Shutdown ( NTC resistor )
Refer to Figure 22 for NTC resistor location
125
°C
Note: Please attach thermocouple on NTC resistor to test OTP function, the hot spots’ temperature is just for reference.
PIN DEFINATION
Pin#
Name
Function
Pin#
Name
Function
1
Vin(+)
7
C2
Secondary on/off control pin; The default configuration is set to ignore this
input. And such pin can be reconfigured by the PMBus Interface.
2
ON/OFF
Primary on/off control pin
8
Sig_Gnd
Signal ground
3
Vin(-)
9
Data
PMBus data line
4
Vo(-)
10 SMBAlert PMBus SMBAlert line
5
Trim
/Current sharing
Trim pin or current sharing pin,
which is option.
11 Clock
PMBus clock line
6
Vo(+)
12 Addr1
ADDR1 pin sets the high order digit of the address.
13 Addr0
ADDR0 pin sets the low order digit of the address.
SIMPLIFIED APPLICATION CIRCUIT
Vout(+)
Trim/
Current sharing
Addr0 Addr1
Vout(-)
Vin(+)
Vin(-)
On/off
Delta DC/DC
Module
EMI filter
Reverse
polarity
Protection
Fuse
Load
Input
Source
System MCU
CLOCK DATA
C2
SMB
-ALERT
CLK DATA
CTRL
ALERT
On/off control
Vout(+)
Trim/
Current sharing
Addr0 Addr1
Vout(-)
Vin(+)
Vin(-)
On/off
Delta DC/DC
Module
EMI filter
Reverse
polarity
Protection
Fuse
Load
Input
Source
System MCU
CLOCK DATA
C2
SMB
-ALERT
CLK DATA
CTRL
ALERT
On/off control


Similar Part No. - Q48SD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SD12034 DELTA-Q48SD12034 Datasheet
572Kb / 25P
   Over-Current Protection
Q48SD12034NRFA DELTA-Q48SD12034NRFA Datasheet
572Kb / 25P
   Over-Current Protection
Q48SD12042 DELTA-Q48SD12042 Datasheet
583Kb / 26P
   Over-Current Protection
Q48SD12042NRFA DELTA-Q48SD12042NRFA Datasheet
583Kb / 26P
   Over-Current Protection
More results

Similar Description - Q48SD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q54SG12033 DELTA-Q54SG12033 Datasheet
1Mb / 24P
   Industry standard, DOSA compliant pin out
Q48SG DELTA-Q48SG Datasheet
933Kb / 26P
   Industry standard, DOSA compliant pin out
Q54SG DELTA-Q54SG Datasheet
1Mb / 26P
   Industry standard, DOSA compliant pin out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
   Industry standard pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com