Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMT-24V200W1AX Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # PMT-24V200W1AX
Description  PMT Panel Mount Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT-24V200W1AX Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button PMT-24V200W1AX Datasheet HTML 3Page - Delta Electronics, Inc. PMT-24V200W1AX Datasheet HTML 4Page - Delta Electronics, Inc. PMT-24V200W1AX Datasheet HTML 5Page - Delta Electronics, Inc. PMT-24V200W1AX Datasheet HTML 6Page - Delta Electronics, Inc. PMT-24V200W1AX Datasheet HTML 7Page - Delta Electronics, Inc. PMT-24V200W1AX Datasheet HTML 8Page - Delta Electronics, Inc. PMT-24V200W1AX Datasheet HTML 9Page - Delta Electronics, Inc. PMT-24V200W1AX Datasheet HTML 10Page - Delta Electronics, Inc. PMT-24V200W1AX Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
24V 200W 1 Phase / PMT-24V200W1A
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (December 2016, Rev. 01)
7
PML-24V200W1AN: Front Face without Case Cover
L x W x D: 215 x 115 x 50 mm (7.01 x 3.82 x 1.50 inch)


Similar Part No. - PMT-24V200W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V200W1AMA DELTA-PMT-24V200W1AMA Datasheet
2Mb / 15P
   PMT Panel Mount Power Supply
PMT-24V200W1ANA DELTA-PMT-24V200W1ANA Datasheet
2Mb / 15P
   PMT Panel Mount Power Supply
More results

Similar Description - PMT-24V200W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com