Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMR-4V320WCXA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # PMR-4V320WCXA
Description  PMR Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMR-4V320WCXA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button PMR-4V320WCXA Datasheet HTML 2Page - Delta Electronics, Inc. PMR-4V320WCXA Datasheet HTML 3Page - Delta Electronics, Inc. PMR-4V320WCXA Datasheet HTML 4Page - Delta Electronics, Inc. PMR-4V320WCXA Datasheet HTML 5Page - Delta Electronics, Inc. PMR-4V320WCXA Datasheet HTML 6Page - Delta Electronics, Inc. PMR-4V320WCXA Datasheet HTML 7Page - Delta Electronics, Inc. PMR-4V320WCXA Datasheet HTML 8Page - Delta Electronics, Inc. PMR-4V320WCXA Datasheet HTML 9Page - Delta Electronics, Inc. PMR-4V320WCXA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TECHNICAL DATASHEET
PMR Panel Mount Power Supply
4.2V 252W 1 Phase / PMR-4V320WC
A
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (November 2014, Rev. 00)
6
Dimensions
L x W x D: 215 x 115 x 30 mm (PMR-4V320WCAA: Terminal Block)


Similar Part No. - PMR-4V320WCXA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMR-4V320WDXA DELTA-PMR-4V320WDXA Datasheet
1Mb / 13P
   PMR Panel Mount Power Supply
More results

Similar Description - PMR-4V320WCXA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMR-5V320WDXA DELTA-PMR-5V320WDXA Datasheet
1Mb / 13P
   PMR Panel Mount Power Supply
PMR-5V320WCXA DELTA-PMR-5V320WCXA Datasheet
942Kb / 13P
   PMR Panel Mount Power Supply
PMR-4V320WDXA DELTA-PMR-4V320WDXA Datasheet
1Mb / 13P
   PMR Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
PMT-24V150W1AAA DELTA-PMT-24V150W1AAA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-D2V100W1AAA DELTA-PMT-D2V100W1AAA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-12V35W1AX DELTA-PMT-12V35W1AX Datasheet
494Kb / 10P
   PMT Panel Mount Power Supply
PMC-24V600W1BA DELTA-PMC-24V600W1BA Datasheet
1Mb / 14P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com