Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T495T107M2R5ANE0457280 Datasheet(PDF) 10 Page - Kemet Corporation

Part # T495T107M2R5ANE0457280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495T107M2R5ANE0457280 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T495T107M2R5ANE0457280 Datasheet HTML 6Page - Kemet Corporation T495T107M2R5ANE0457280 Datasheet HTML 7Page - Kemet Corporation T495T107M2R5ANE0457280 Datasheet HTML 8Page - Kemet Corporation T495T107M2R5ANE0457280 Datasheet HTML 9Page - Kemet Corporation T495T107M2R5ANE0457280 Datasheet HTML 10Page - Kemet Corporation T495T107M2R5ANE0457280 Datasheet HTML 11Page - Kemet Corporation T495T107M2R5ANE0457280 Datasheet HTML 12Page - Kemet Corporation T495T107M2R5ANE0457280 Datasheet HTML 13Page - Kemet Corporation T495T107M2R5ANE0457280 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2009_T495 • 5/3/2017 10
10
Tantalum Surface Mount Capacitors – Low ESR
T495 Series Surge Robust MnO
2
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N =
Non-Magnetic 100% Tin (Sn) or M = Non-Magnetic (SnPb). Designates termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.
Rated
Voltage
Rated
Cap
Case
Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC at 85°C
µF
KEMET/EIA
(See below for
part options)
µA +20°C
Max/5 Min
% at +20°C
120 Hz Max
mΩ at 20°C
100 kHz
Max
mA at +25°C
100 kHz
mA at
+85°C 100
kHz
mA at
+125°C 100
kHz
°C
Reflow
Temp
≤ 260°C
10
68
X/7343-43
T495X686(1)010A(2)E150
6.8
4.0
150
1049
944
420
125
1
10
100
B/3528-21
T495B107(M)010A(2)E350
10.0
12.0
350
493
444
197
125
1
10
100
B/3528-21
T495B107(M)010A(2)E500
10.0
30.0
500
412
371
165
125
1
10
100
B/3528-21
T495B107(M)010A(2)E700
10.0
30.0
700
348
313
139
125
1
10
100
C/6032-28
T495C107(1)010A(2)E100
10.0
8.0
100
1050
945
420
125
1
10
100
C/6032-28
T495C107(1)010A(2)E150
10.0
8.0
150
856
812
542
125
1
10
100
C/6032-28
T495C107(1)010A(2)E180
10.0
8.0
180
782
704
313
125
1
10
100
C/6032-28
T495C107(1)010A(2)E200
10.0
8.0
200
742
668
297
125
1
10
100
C/6032-28
T495C107(1)010A(2)E250
10.0
8.0
250
663
597
265
125
1
10
100
U/6032-15
T495U107(1)010A(2)E150
10.0
8.0
150
775
698
310
125
1
10
100
W/7343-15
T495W107(1)010A(2)E200
10.0
8.0
200
949
854
380
125
1
10
100
V/7343-20
T495V107(1)010A(2)E100
10.0
8.0
100
1118
1006
447
125
1
10
100
V/7343-20
T495V107(1)010A(2)E150
10.0
8.0
150
913
822
365
125
1
10
100
V/7343-20
T495V107(1)010A(2)E200
10.0
8.0
200
791
712
316
125
1
10
100
D/7343-31
T495D107(1)010A(2)E050
10.0
8.0
50
1732
1559
693
125
1
10
100
D/7343-31
T495D107(1)010A(2)E065
10.0
8.0
65
1519
1367
608
125
1
10
100
D/7343-31
T495D107(1)010A(2)E080
10.0
8.0
80
1369
1232
548
125
1
10
100
D/7343-31
T495D107(1)010A(2)E100
10.0
8.0
100
1225
1103
490
125
1
10
100
D/7343-31
T495D107(1)010A(2)E120
10.0
8.0
120
1118
1006
447
125
1
10
100
D/7343-31
T495D107(1)010A(2)E125
10.0
8.0
125
1095
986
438
125
1
10
100
X/7343-43
T495X107(1)010A(2)E100
10.0
6.0
100
1285
1157
514
125
1
10
150
C/6032-28
T495C157(1)010A(2)E200
15.0
10.0
200
742
668
297
125
1
10
150
V/7343-20
T495V157(1)010A(2)E100
15.0
8.0
100
1118
1006
447
125
1
10
150
V/7343-20
T495V157(1)010A(2)E150
15.0
8.0
150
913
822
365
125
1
10
150
V/7343-20
T495V157(1)010A(2)E200
15.0
8.0
200
791
712
316
125
1
10
150
D/7343-31
T495D157(1)010A(2)E050
15.0
8.0
50
1732
1559
693
125
1
10
150
D/7343-31
T495D157(1)010A(2)E060
15.0
8.0
60
1581
1423
632
125
1
10
150
D/7343-31
T495D157(1)010A(2)E080
15.0
8.0
80
1369
1232
548
125
1
10
150
D/7343-31
T495D157(1)010A(2)E100
15.0
8.0
100
1225
1103
490
125
1
10
150
X/7343-43
T495X157(1)010A(2)E070
15.0
8.0
70
1535
1382
614
125
1
10
150
X/7343-43
T495X157(1)010A(2)E080
15.0
8.0
80
1436
1292
574
125
1
10
150
X/7343-43
T495X157(1)010A(2)E085
15.0
8.0
85
1393
1254
557
125
1
10
150
X/7343-43
T495X157(1)010A(2)E100
15.0
8.0
100
1285
1157
514
125
1
10
220
D/7343-31
T495D227(1)010A(2)E045
22.0
8.0
45
1826
1643
730
125
1
10
220
D/7343-31
T495D227(1)010A(2)E050
22.0
9.0
50
1732
1559
693
125
1
10
220
D/7343-31
T495D227(1)010A(2)E075
22.0
8.0
75
1414
1273
566
125
1
10
220
D/7343-31
T495D227(1)010A(2)E100
22.0
8.0
100
1225
1103
490
125
1
10
220
D/7343-31
T495D227(1)010A(2)E125
22.0
8.0
125
1095
986
438
125
1
10
220
V/7343-20
T495V227(1)010A(2)E150
22.0
10.0
150
913
822
365
125
1
10
220
V/7343-20
T495V227(1)010A(2)E200
22.0
10.0
200
791
712
316
125
1
10
220
X/7343-43
T495X227(1)010A(2)E045
22.0
8.0
45
1915
1724
766
125
1
10
220
X/7343-43
T495X227(1)010A(2)E050
22.0
8.0
50
1817
1635
727
125
1
10
220
X/7343-43
T495X227(1)010A(2)E060
22.0
8.0
60
1658
1492
663
125
1
10
220
X/7343-43
T495X227(1)010A(2)E070
22.0
8.0
70
1535
1382
614
125
1
10
220
X/7343-43
T495X227(1)010A(2)E080
22.0
8.0
80
1436
1292
574
125
1
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA +20ºC
Max/5 Min
% at +20ºC
120 Hz Max
mΩ at 20ºC
100 kHz
Max
mA at +25ºC
100 kHz
mA at
+85ºC 100
kHz
mA at
+125ºC 100
kHz
ºC
Reflow
Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL


Similar Part No. - T495T107M2R5ANE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495T107M2R5AHE045 KEMET-T495T107M2R5AHE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495T107M2R5ATE045 KEMET-T495T107M2R5ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495T107M2R5ANE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com