Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS-400APB24AA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # MDS-400APB24AA
Description  Medical AC-DC Open Frame Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-400APB24AA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  MDS-400APB24AA Datasheet HTML 1Page - Delta Electronics, Inc. MDS-400APB24AA Datasheet HTML 2Page - Delta Electronics, Inc. MDS-400APB24AA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-400APB24AA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-400APB24AA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-400APB24AA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-400APB24AA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-400APB24AA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-400APB24AA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Medical AC-DC Open Frame Power Supply
24V/400W 3”x5” High Density MDS-400APB24 AA
2
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-240Vac
Input Voltage Range
90-264Vac
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
Input Current (max)
5.5A
Input Surge Voltage (max)
300Vac for 100ms
Full load Efficiency (typ.)
92% @ 115Vac/60Hz
93% @ 230Vac/50Hz, Reference Fig.1
Standby Power (max)
0.5W (only standby working with Inhibit signal high)
@ 115Vac/60Hz, 230Vac/50Hz
Inrush Current (max)
40A@230Vac, cold start
Input-PE(protective earth) leakage current(max)
0.1mA @ NC, 0.3mA @ SFC1)
Output-PE(protective earth) leakage current for Type BF application (max)
0.1mA @ NC, 0.5mA @ SFC 1)
Power Factor (min)
0.95 @ 115V/50Hz, 230V/50Hz, full load
1) NC: normal condition, SFC: single fault condition
Leakage Current
Input-PE Leakage Current
100Vac/60Hz(Typ)
264Vac/60Hz(Typ) Delta Limit
IEC60601-1 Limit
Normal Condition 18.3uA
44.6uA
100uA max
5000uA max
Single Fault Condition 33.7uA
91.9uA
300uA max
10000uA max
Output-PE Leakage Current forType BF application
Normal Condition 29.4uA
87.3uA
100uA max
100uA max
Single Fault Condition 43.5uA
130.5uA
500uA max
500uA max
Fig.1 Efficiency versus output load
50.000
60.000
70.000
80.000
90.000
100.000
25%
50%
75%
100%
115Vac
230Vac
Output Load
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 08)


Similar Part No. - MDS-400APB24AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-400APB24-AA DELTA-MDS-400APB24-AA Datasheet
592Kb / 12P
   Medical AC-DC Open Frame Power Supply
More results

Similar Description - MDS-400APB24AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-300APB24AA DELTA-MDS-300APB24AA Datasheet
747Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
MDS-300APB18AA DELTA-MDS-300APB18AA Datasheet
870Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-400APB12AA DELTA-MDS-400APB12AA Datasheet
962Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-250A DELTA-MDS-250A Datasheet
668Kb / 13P
   Medical AC-DC Open Frame Power Supply
MDS-400APB24-AA DELTA-MDS-400APB24-AA Datasheet
592Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB48AA DELTA-MDS-300APB48AA Datasheet
885Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB24-AA DELTA-MDS-300APB24-AA Datasheet
747Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB48-AA DELTA-MDS-300APB48-AA Datasheet
885Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB12-AA DELTA-MDS-300APB12-AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com