Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS-300APB18AA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # MDS-300APB18AA
Description  Medical AC-DC Open Frame Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-300APB18AA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button MDS-300APB18AA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 9Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 10Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Medical AC-DC Open Frame Power Supply
18V 300W with 5V/0.5A Standby / MDS-300APB18 AA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November. 2016, Rev. 04)
7
EMC (Compliant with IEC-60601-1-2 4
th Ed. requirements)
EMC / Emissions
EN55011/EN55022,FCC Title 47:Class B
Harmonic Current Emissions
IEC61000-3-2
Meet Class D limit
Immunity to
Voltage Flicker
IEC61000-3-3
Electrostatic Discharge
IEC61000-4-2
Level 4 Criteria A
1)
Air Discharge: 15kV
Contact Discharge: 8kV
Radiated Field
IEC61000-4-3
Criteria A
1)
80MHz-2700MHz, 10V/m AM modulation
385MHz-5785MHz, 28V/m Pulse mode and other
modulation
Electrical Fast Transient / Burst
IEC61000-4-4
Level 3 Criteria A
1) :2kV
Surge
IEC61000-4-5
Level 3 Criteria A
1)
Common Mode
3): 2kV
Differential Mode
4): 1kV
Conducted
IEC61000-4-6
Level 2 Criteria A
1)
150kHz-80MHz, 3Vrms, 6Vrms at ISM bands and
Amateur radio bands
Power Frequency Magnetic Fields
IEC61000-4-8
Criteria A
1)
Magnetic field strength 30A/m
Voltage Dips
IEC61000-4-11
Criteria A
1)
0% UT, 0.5 cycle (10ms)
, 0
o/45o/90o/135o/180o/225o/270o/315o/360o
Criteria B
2) (Criteria A1) with 190W load)
0% UT, 1 cycle (20ms), 0
o
Criteria B
2)
70% UT, 25 cycle (500ms), 0
o
Criteria B
2)
0% UT, 250 cycle (5000ms), 0
o
1) Criteria A: Normal performance within the specification limits
2) Criteria B: Output out of regulation, or shuts down during test. Automatically restore to normal operation after test.
3) Asymmetrical: Common mode (Line to earth)
4) Symmetrical: Differential mode (Line to line)
5) Unless otherwise noted, requirements apply at 300 watt output load


Similar Part No. - MDS-300APB18AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-300APB12-AA DELTA-MDS-300APB12-AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
More results

Similar Description - MDS-300APB18AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-300APB24AA DELTA-MDS-300APB24AA Datasheet
747Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
MDS-400APB12AA DELTA-MDS-400APB12AA Datasheet
962Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-250A DELTA-MDS-250A Datasheet
668Kb / 13P
   Medical AC-DC Open Frame Power Supply
MDS-400APB24-AA DELTA-MDS-400APB24-AA Datasheet
592Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB48AA DELTA-MDS-300APB48AA Datasheet
885Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-400APB24AA DELTA-MDS-400APB24AA Datasheet
592Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB24-AA DELTA-MDS-300APB24-AA Datasheet
747Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB48-AA DELTA-MDS-300APB48-AA Datasheet
885Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB12-AA DELTA-MDS-300APB12-AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com