Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVA2411T Datasheet(PDF) 7 Page - Calogic, LLC

Part # CVA2411T
Description  Improved Low Cost Triple CRT Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CVA2411T Datasheet(HTML) 7 Page - Calogic, LLC

Back Button CVA2411T Datasheet HTML 2Page - Calogic, LLC CVA2411T Datasheet HTML 3Page - Calogic, LLC CVA2411T Datasheet HTML 4Page - Calogic, LLC CVA2411T Datasheet HTML 5Page - Calogic, LLC CVA2411T Datasheet HTML 6Page - Calogic, LLC CVA2411T Datasheet HTML 7Page - Calogic, LLC CVA2411T Datasheet HTML 8Page - Calogic, LLC CVA2411T Datasheet HTML 9Page - Calogic, LLC CVA2411T Datasheet HTML 10Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
R134
10
W
12
8
R136
1.5K
W
12
6
R133
10
W
12
7
R135
1.5K
W
12
3
R132
10
W
12
4
R155
47
12
1
R113
100
12
C121
10U
V
P
N
+
R137
1.5K
3W
12
9
11
C122
10U
100V
P
N
+
L101
4U7
2
1
N
C123
1U
160V
2
12
D105
BAV21
P
N
D101
BAV21
P
R114
1M
2
1
R141
22K
2
1
1
C127
0.1U
V
2
E
C
B
VR106
100K
R-CUTOFF
R144
15K
1
1
1
2
3
2
R117
15K
N
C124
1U
160V
5
12
D106
BAV21
P
N
D102
BAV21
P
R114
1M
2
1
R142
22K
2
1
1
C128
0.1U
V
2
E
C
B
VR107
100K
G-CUTOFF
R145
15K
1
1
1
2
2
2
R118
15K
N
C125
1U
160V
10 12
D107
BAV21
P
N
D103
BAV21
P
R116
1M
2
1
R143
22K
W
2
1
1
C129
0.1U
V
2
E
C
B
VR108
100K
B-CUTOFF
R119
15K
1
1
2
2
R146
15K
3
2
1
Q106
BF423
Q105
BF423
1S-23B
Q104
BF423
CVA2411TX
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
TYPICAL APPLICATION (continued)
CORPORATION


Similar Part No. - CVA2411T

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2411TX CALOGIC-CVA2411TX Datasheet
50Kb / 4P
   Improved Low Cost Triple CRT Driver
CVA2411TX CALOGIC-CVA2411TX Datasheet
22Kb / 1P
   CRT Driver Amplifiers
More results

Similar Description - CVA2411T

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2411TX CALOGIC-CVA2411TX Datasheet
50Kb / 4P
   Improved Low Cost Triple CRT Driver
CVA2422TL CALOGIC-CVA2422TL Datasheet
53Kb / 5P
   Low Cost Triple CRT Driver
CVA2400A CALOGIC-CVA2400A Datasheet
67Kb / 5P
   Low Cost Triple CRT Driver
CVA2401T CALOGIC-CVA2401T Datasheet
69Kb / 5P
   Low Cost Triple CRT Driver
CVA3405T CALOGIC-CVA3405T Datasheet
56Kb / 4P
   Low Cost Triple CRT Driver
CVA2400T CALOGIC-CVA2400T Datasheet
39Kb / 4P
   Low Cost Triple CRT Driver
CVA3404T CALOGIC-CVA3404T Datasheet
56Kb / 4P
   Low Cost Triple CRT Driver
CVA3407T CALOGIC-CVA3407T Datasheet
56Kb / 4P
   Low Cost Triple CRT Driver
CVA2405T CALOGIC-CVA2405T Datasheet
53Kb / 4P
   Low Cost Triple CRT Driver
CVA2403T CALOGIC-CVA2403T Datasheet
50Kb / 5P
   Low Cost Triple CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com