Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGB18N40ACLB Datasheet(PDF) 2 Page - Littelfuse

Part # NGB18N40ACLB
Description  Ideal for Coil?뭥n?뭁lug Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NGB18N40ACLB Datasheet(HTML) 2 Page - Littelfuse

  NGB18N40ACLB Datasheet HTML 1Page - Littelfuse NGB18N40ACLB Datasheet HTML 2Page - Littelfuse NGB18N40ACLB Datasheet HTML 3Page - Littelfuse NGB18N40ACLB Datasheet HTML 4Page - Littelfuse NGB18N40ACLB Datasheet HTML 5Page - Littelfuse NGB18N40ACLB Datasheet HTML 6Page - Littelfuse NGB18N40ACLB Datasheet HTML 7Page - Littelfuse NGB18N40ACLB Datasheet HTML 8Page - Littelfuse NGB18N40ACLB Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NGB18N40ACLB
UNCLAMPED COLLECTOR−TO−EMITTER AVALANCHE CHARACTERISTICS (−55
° ≤ TJ ≤ 175°C)
Characteristic
Symbol
Value
Unit
Single Pulse Collector−to−Emitter Avalanche Energy
VCC = 50 V, VGE = 5.0 V, Pk IL = 21.1 A, L = 1.8 mH, Starting TJ = 25°C
VCC = 50 V, VGE = 5.0 V, Pk IL = 18.3 A, L = 1.8 mH, Starting TJ = 125°C
EAS
400
300
mJ
Reverse Avalanche Energy
VCC = 100 V, VGE = 20 V, Pk IL = 25.8 A, L = 6.0 mH, Starting TJ = 25°C
EAS(R)
2000
mJ
MAXIMUM SHORT−CIRCUIT TIMES (−55
°C ≤ TJ ≤ 150°C)
Characteristic
Symbol
Value
Unit
Short Circuit Withstand Time 1 (See Figure 17, 3 Pulses with 10 ms Period)
tsc1
750
ms
Short Circuit Withstand Time 2 (See Figure 18, 3 Pulses with 10 ms Period)
tsc2
5.0
ms
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.3
°C/W
Thermal Resistance, Junction−to−Ambient
D2PAK (Note 1)
RqJA
50
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 5 seconds
TL
275
°C
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions
Temperature
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Clamp Voltage
BVCES
IC = 2.0 mA
TJ = −40°C to 150°C
380
395
420
V
IC = 10 mA
TJ = −40°C to 150°C
390
405
430
Zero Gate Voltage Collector Current
ICES
VCE = 350 V,
VGE = 0 V
TJ = 25°C
2.0
20
mA
TJ = 150°C
10
40*
TJ = −40°C
1.0
10
Reverse Collector−Emitter Leakage Current
IECS
VCE = −24 V
TJ = 25°C
0.7
2.0
mA
TJ = 150°C
12
25*
TJ = −40°C
0.1
1.0
Reverse Collector−Emitter Clamp Voltage
BVCES(R)
IC = −75 mA
TJ = 25°C
27
33
37
V
TJ = 150°C
30
36
40
TJ = −40°C
25
32
35
Gate−Emitter Clamp Voltage
BVGES
IG = 5.0 mA
TJ = −40°C to 150°C
11
13
15
V
Gate−Emitter Leakage Current
IGES
VGE = 10 V
TJ = −40°C to 150°C
384
640
100
0
mA
Gate Emitter Resistor
RGE
TJ = −40°C to 150°C
10
16
26
k
W
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGE(th)
IC = 1.0 mA,
VGE = VCE
TJ = 25°C
1.1
1.4
1.9
V
TJ = 150°C
0.75
1.0
1.4
TJ = −40°C
1.2
1.6
2.1*
Threshold Temperature Coefficient
(Negative)
3.4
mV/
°C
*Maximum Value of Characteristic across Temperature Range.
1. When surface mounted to an FR4 board using the minimum recommended pad size.
2. Pulse Test: Pulse Width
v 300 mS, Duty Cycle v 2%.
2
Publication Order Number:
NGB18N40ACLB/D
Specifications subject to change without notice.
© 2016 Littelfuse, Inc.
December, 2016 − Rev. 6


Similar Part No. - NGB18N40ACLB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB18N40ACLB ONSEMI-NGB18N40ACLB Datasheet
126Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
NGB18N40ACLBT4G ONSEMI-NGB18N40ACLBT4G Datasheet
126Kb / 8P
   Ignition IGBT 18 Amps, 400 Volts
December, 2011 ??Rev. 4
More results

Similar Description - NGB18N40ACLB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NGD8209N LITTELFUSE-NGD8209N Datasheet
239Kb / 5P
   Ideal for Coil?뭥n?뭁lug Applications
NGD8201B LITTELFUSE-NGD8201B Datasheet
1Mb / 6P
   Ideal for Coil?뭥n?뭁lug Applications
NGD18N40ACLB LITTELFUSE-NGD18N40ACLB Datasheet
240Kb / 8P
   Ideal for Coil?뭥n?뭁lug Applications
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com