Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP523A07A001 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # FXP523A07A001
Description  2.4/5.8 GHz Embedded Flexible Antenna 3 ports for 802.11ac applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP523A07A001 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  FXP523A07A001 Datasheet HTML 1Page - Taoglas antenna solutions FXP523A07A001 Datasheet HTML 2Page - Taoglas antenna solutions FXP523A07A001 Datasheet HTML 3Page - Taoglas antenna solutions FXP523A07A001 Datasheet HTML 4Page - Taoglas antenna solutions FXP523A07A001 Datasheet HTML 5Page - Taoglas antenna solutions FXP523A07A001 Datasheet HTML 6Page - Taoglas antenna solutions FXP523A07A001 Datasheet HTML 7Page - Taoglas antenna solutions FXP523A07A001 Datasheet HTML 8Page - Taoglas antenna solutions FXP523A07A001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SPE-14-8-107/C/WY
Page 3 of 18
For example, a module manufacturer may state that the antenna must have less than 2dBi peak
gain, but you don’t need to select an embedded antenna that has a peak gain of less than 2dBi
in free-space. This will give you a less optimized solution. It is better to go for a slightly higher
free-space peak gain of 3dBi or more if available. Once that antenna gets integrated into your
device, performance will degrade below this 2dBi peak gain due to the effects of GND plane,
surrounding components, and device housing. If you want to be absolutely sure, contact Taoglas
and we will test. Choosing a Taoglas antenna with a higher peak gain than what is specified by
the module manufacturer and enlisting our help will ensure you are getting the best
performance possible without exceeding the peak gain limits.
Customized cable lengths and connector versions can be supplied. Contact a Taoglas regional
support center for support.
2. Specification
ELECTRICAL
Port 1
Port 2
Port 3
Frequency (MHz)
2400-2500
5150-5850
2400-2500
5150-5850
2400-2500
5150-5850
Peak Gain (dBi)
2.63
4.60
4.54
6.69
3.91
5.25
Average Gain (dBi)
-2.63
-1.96
-1.99
-1.78
-2.03
-1.58
Efficiency (%)
54.72
64.03
63.32
66.80
62.79
69.88
Impedance
50Ω
Polarization
Linear


Similar Part No. - FXP523A07A001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP523.A.07.A.001 TAOGLAS-FXP523.A.07.A.001 Datasheet
1Mb / 18P
   3M Adhesive tape for easy mounting
More results

Similar Description - FXP523A07A001

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10088 WPI-WPANT10088 Datasheet
107Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
logo
Pulse A Technitrol Comp...
W1038M PULSE-W1038M Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
W1030 PULSE-W1030 Datasheet
1Mb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1027 PULSE-W1027 Datasheet
213Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038_17 Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
W1038X PULSE-W1038X Datasheet
936Kb / 10P
   Wireless External Antenna for 2.4 GHz Applications
logo
Taoglas antenna solutio...
FXP522A07A001 TAOGLAS-FXP522A07A001 Datasheet
1Mb / 14P
   Venti Wifi MiMo 2.4/5.8GHz Flexible Embedded Antenna
logo
Maxtena Inc.
MPA-254-WIFI MAXTENA-MPA-254-WIFI Datasheet
1Mb / 3P
   WIFI 2.4/5 GHz Embedded Patch Antenna
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com