Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC12-9-01S Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # RC12-9-01S
Description  Single-Stage Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

RC12-9-01S Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  RC12-9-01S Datasheet HTML 1Page - II-VI Marlow, Inc. RC12-9-01S Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
214-340-4900
 www.marlow.com
TECHNICAL DATA SHEET
DOC # 102-0430 REV 1 - PAGE 1 OF 2
RC12-9
Single-Stage Thermoelectric Cooler
RoHS and Reach EU Compliant
PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
(2X 2.5)
LEADWIRES: 20 AWG, STRANDED,
PVC INSULATED
0.05
0.03
100±12
(2X 5.0)
40.00
-01L, -01LS
0.08
0.05
3.51±0.03
3.61±0.13
-01L, -01LS
-01, -01S
COLD SIDE, Tc
HOT SIDE, Th
A
-01, -01S
0.05
0.03
A
44.70
40.00
NEGATIVE LEAD (BLACK)
POSITIVE LEAD (WHITE)
Dimensions are in millimeters
ORDERING OPTIONS
AVAILABLE MODIFICATIONS
Solid-state reliability.
Maximum recommended operating temperature is 85°C.
Maximum processing temperature is 1200C.
Superior nickel diffusion barriers on elements.
High strength for rugged environment.
Porched configuration for enhanced leadwire strength.
Sealed versions include RTV sealing of the perimeter and leadwire
joints.
Lapped option available for multiple module applications.
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (°C-dry N2):
65
74
Qmax (watts):
78.6
87.2
Imax (amps):
8.4
8.4
Vmax (vdc):
14.1
15.7
AC Resistance (ohms):
1.44
Model Number
Description
RC12-9-01
TEM, Base Model w/ Leads
RC12-9-01L
TEM, Lapped
RC12-9-01S
TEM, Sealed
RC12-9-01LS
TEM, Lapped and Sealed


Similar Part No. - RC12-9-01S

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
RC12-9 VIMARLOW-RC12-9_18 Datasheet
400Kb / 2P
   Single?륲tage Thermoelectric Module
More results

Similar Description - RC12-9-01S

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
NL1020T VIMARLOW-NL1020T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2427 VIMARLOW-XLT2427 Datasheet
138Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1011T VIMARLOW-NL1011T Datasheet
136Kb / 2P
   Single-Stage Thermoelectric Cooler
TR060-6.5-40 VIMARLOW-TR060-6.5-40 Datasheet
285Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2416 VIMARLOW-XLT2416 Datasheet
179Kb / 2P
   Single-Stage Thermoelectric Cooler
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2404 VIMARLOW-XLT2404 Datasheet
239Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1507 VIMARLOW-NL1507 Datasheet
296Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2393 VIMARLOW-XLT2393 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com