Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC12-8-01 Datasheet(PDF) 3 Page - II-VI Marlow, Inc.

Part # RC12-8-01
Description  Single-Stage Thermoelectric Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

RC12-8-01 Datasheet(HTML) 3 Page - II-VI Marlow, Inc.

  RC12-8-01 Datasheet HTML 1Page - II-VI Marlow, Inc. RC12-8-01 Datasheet HTML 2Page - II-VI Marlow, Inc. RC12-8-01 Datasheet HTML 3Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DOC # 102-0279 REV D - PAGE 3 OF 3
30
35
40
45
50
55
65
75
85
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.2
0.4
0.6
0.8
1
1.2
2.5
7.5 12.5 17.5 22.5 27.5 32.5 37.5 42.5 47.5
Heat (W)
Hot Side Temperature (°C)
Power
Voltage
Tc=27°C
55
60
65
70
75
80
85
0
0.2
0.4
0.6
0.8
1
1.2
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
4.1
8.1
12.1
16.1
20.1
24.1
28.1
Heat (W)
Hot Side Temperature (°C)
Power
Voltage
Tc=50°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
123456
789
10
Load Resistance Ratio
Normalized Off-Peak Performance
Efficiency
Voltage
Power Generation performance information is given in a nitrogen environment and cold side temperatures of 27°C and 50°C. Module
temperature does not include thermal resistance of heat sinks. For performance information in vacuum, other cold side
temperatures, or specific heat sinks, consult one of our applications engineers.
TYPICAL POWER GENERATION CONFIGURATION
EXAMPLE:
Hot Side Temperature (°C)
85
55
35
Cold Side Temperature (°C)
27
27
27
Optimum Efficiency, η (%)
2.48
1.25
0.37
Optimum Power (W)
1.198 0.292 0.024
Optimum Voltage (V)
1.774 0.846 0.239
Load Resistance for Opt η (Ω)
2.63
2.46
2.34
Open Circuit Voltage, VOC (V)
3.12
1.49
0.42
Short Circuit Current (A)
1.56
0.80
0.24
Thermal Resistance (°C/W)
1.20
1.20
1.20


Similar Part No. - RC12-8-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC12-8-01 ETC2-RC12-8-01 Datasheet
168Kb / 2P
   Thermoelectric Cooler
RC12-8-01L ETC2-RC12-8-01L Datasheet
168Kb / 2P
   Thermoelectric Cooler
RC12-8-01LS ETC2-RC12-8-01LS Datasheet
168Kb / 2P
   Thermoelectric Cooler
RC12-8-01S ETC2-RC12-8-01S Datasheet
168Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - RC12-8-01

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
XLT3-8 VIMARLOW-XLT3-8 Datasheet
163Kb / 2P
   Single-Stage Thermoelectric Module
NL1020T VIMARLOW-NL1020T_17 Datasheet
648Kb / 3P
   Single-Stage Thermoelectric Module
XLT2416 VIMARLOW-XLT2416_17 Datasheet
511Kb / 2P
   Single-Stage Thermoelectric Module
XLT2427 VIMARLOW-XLT2427_17 Datasheet
506Kb / 2P
   Single-Stage Thermoelectric Module
PL020-4-30 VIMARLOW-PL020-4-30 Datasheet
229Kb / 2P
   Single-Stage Thermoelectric Module
NL1015T VIMARLOW-NL1015T Datasheet
266Kb / 3P
   Single-Stage Thermoelectric Module
NL1022T VIMARLOW-NL1022T_18 Datasheet
829Kb / 4P
   Single-Stage Thermoelectric Module
RC12-4 VIMARLOW-RC12-4 Datasheet
567Kb / 3P
   Single-Stage Thermoelectric Module
NL1012T VIMARLOW-NL1012T Datasheet
265Kb / 3P
   Single-Stage Thermoelectric Module
NL1022T VIMARLOW-NL1022T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Module
XLT2393 VIMARLOW-XLT2393_17 Datasheet
489Kb / 2P
   Single-Stage Thermoelectric Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com