Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG1225H-XBN2MM Datasheet(PDF) 1 Page - Littelfuse

Part # MG1225H-XBN2MM
Description  AC motor control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MG1225H-XBN2MM Datasheet(HTML) 1 Page - Littelfuse

  MG1225H-XBN2MM Datasheet HTML 1Page - Littelfuse MG1225H-XBN2MM Datasheet HTML 2Page - Littelfuse MG1225H-XBN2MM Datasheet HTML 3Page - Littelfuse MG1225H-XBN2MM Datasheet HTML 4Page - Littelfuse MG1225H-XBN2MM Datasheet HTML 5Page - Littelfuse MG1225H-XBN2MM Datasheet HTML 6Page - Littelfuse MG1225H-XBN2MM Datasheet HTML 7Page - Littelfuse MG1225H-XBN2MM Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Power Module
©2016 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:10/05/16
208
MG1225H-XBN2MM
1200V 25A IGBT Module
Features
RoHS
Applications
• High level of
integration—only one
power semiconductor
module required for the
whole drive
• Low saturation voltage
and positive temperature
coefficient
• Fast switching and short
tail current
• Free wheeling diodes
with fast and soft reverse
recovery
• Industry standard package
with insulated copper
base plateand soldering
pins for PCB mounting
• Temperature sense
included
• AC motor control
• Motion/servo control
• Inverter and power
supplies
Absolute Maximum Ratings (T
J = 25°C, unless otherwise specified)
Symbol
Parameters
Test Conditions
Values
Unit
IGBT
V
CES
Collector - Emitter Voltage
T
J=25°C
1200
V
V
GES
Gate - Emitter Voltage
±20
V
I
C
DC Collector Current
T
C=25°C
40
A
T
C=80°C
25
A
I
CM
Repetitive Peak Collector Current
t
p=1ms
50
A
P
tot
Power Dissipation Per IGBT
147
W
Diode
V
RRM
Repetitive Reverse Voltage
T
J=25°C
1200
V
I
F(AV)
Average Forward Current
T
C=25°C
35
A
T
C=80°C
25
A
I
FRM
Repetitive Peak Forward Current
t
p=1ms
50
A
I2t
T
J =125°C, t=10ms, VR=0V
200
A2s
Module Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
T
J max
Max. Junction Temperature
150
°C
T
J op
Operating Temperature
-40
125
°C
T
stg
Storage Temperature
-40
125
°C
V
isol
Insulation Test Voltage
AC, t=1min
3000
V
CTI
Comparative Tracking Index
250
M
d
Mounting Torque
Recommended (M5)
2.5
5
N·m
Weight
180
g
MG1225H-XBN2MM
1
Inverter Sector


Similar Part No. - MG1225H-XBN2MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG1225H-XN2MM LITTELFUSE-MG1225H-XN2MM Datasheet
1Mb / 5P
   Fast switching and short tail current
More results

Similar Description - MG1225H-XBN2MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12100W-XN2MM LITTELFUSE-MG12100W-XN2MM Datasheet
1Mb / 6P
   AC motor control
MG1250H-XN2MM LITTELFUSE-MG1250H-XN2MM Datasheet
1Mb / 5P
   AC motor control
MG1275W-XBN2MM LITTELFUSE-MG1275W-XBN2MM Datasheet
1Mb / 8P
   AC motor control
MG17450WB-BN4MM LITTELFUSE-MG17450WB-BN4MM Datasheet
1Mb / 5P
   AC motor control
MG1250W-XBN2MM LITTELFUSE-MG1250W-XBN2MM Datasheet
2Mb / 8P
   AC motor control
MG1275H-XN2MM LITTELFUSE-MG1275H-XN2MM Datasheet
1Mb / 5P
   AC motor control
MG12450WB-BN2MM LITTELFUSE-MG12450WB-BN2MM Datasheet
1Mb / 5P
   AC motor control
MG12150W-XN2MM LITTELFUSE-MG12150W-XN2MM Datasheet
1Mb / 6P
   AC motor control
MG17225WB-BN4MM LITTELFUSE-MG17225WB-BN4MM Datasheet
1Mb / 5P
   AC motor control
MG1275W-XN2MM LITTELFUSE-MG1275W-XN2MM Datasheet
1Mb / 6P
   AC motor control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com