Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL105-7.5-40-01L Datasheet(PDF) 2 Page - II-VI Marlow, Inc.

Part # PL105-7.5-40-01L
Description  Superior nickel diffusion barriers on elements
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

PL105-7.5-40-01L Datasheet(HTML) 2 Page - II-VI Marlow, Inc.

  PL105-7.5-40-01L Datasheet HTML 1Page - II-VI Marlow, Inc. PL105-7.5-40-01L Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DOC # 102-0396 REV 1A- PAGE 2 OF 2
ENVIRONMENT: ONE ATMOSPHERE DRY NITROGEN
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, contact one of our Applications Engineers at
877-627-5691.
Installation
Recommended mounting method: Clamp with uniform pressure to a flat surface with thermal interface material. For additional
information, please refer to our TEC Installation Guide.
Operation Cautions
For maximum reliability, storage and operation below 85°C in a non-condensing environment is recommended. To minimize thermal
stress, use linear/proportional temperature control or a similar method rather than an ON/OFF method.
CONTACT US:
For customer support or general questions please contact a local office below or visit our website at www.marlow.com.
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
214-340-4900 (tel)
214-341-5212 (fax)
877-627-5691 (tech support)
www.marlow.com
Marlow Industries Europe GmbH
Brunnenweg 19-21
64331 Weiterstadt
Germany
Tel.: +49 (0) 6150 5439 - 403
Fax: +49 (0) 6150 5439 - 400
info@marlow-europe.eu
II-VI Japan Inc.
WBG Marive East 17F
2-6 Nakase, Mihama-ku
Chiba-Shi, Chiba 261-7117
Japan
81 43 297 2693 (tel)
81 43 297 3003 (fax)
center@ii-vi.co.jp
www.ii-vi.co.jp
II-VI Singapore Pte., Ltd.
Blk. 5012, Techplace II
#04-07 & 05-07/12, Ang Mo Kio Ave. 5
Singapore 569876
(65) 6481 8215 (tel)
(65) 6481 8702 (fax)
info@ii-vi.com.sg
www.ii-vi.com.sg
Marlow Industries China, II-VI
Technologies Beijing
A subsidiary of II-VI Incorporated
Rm 202, 1# Lize 2nd Middle Road
Wangjing, Chaoyang District
Beijing 100102 China
010-64398226 ext 105 (tel)
010-64399315 (fax)
info@iivibj.com
Hot Side Temperature 27°C
Hot Side Temperature 50°C


Similar Part No. - PL105-7.5-40-01L

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL105-4B29 P-TEC-PL105-4B29 Datasheet
512Kb / 5P
   Light Isolation Tabs to eliminate light bleed
PL105-4G13 P-TEC-PL105-4G13 Datasheet
547Kb / 5P
   Light Isolation Tabs to eliminate light bleed
PL105-4R12 P-TEC-PL105-4R12 Datasheet
387Kb / 5P
   Light Isolation Tabs to eliminate light bleed
PL105-4RG1213 P-TEC-PL105-4RG1213 Datasheet
885Kb / 5P
   Space saving Circuit Board Indicator
PL105-4W24 P-TEC-PL105-4W24 Datasheet
492Kb / 4P
   Space saving Circuit Board Indicator
More results

Similar Description - PL105-7.5-40-01L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EB3C ETC2-EB3C Datasheet
1Mb / 20P
   Relay Barriers
logo
Roithner LaserTechnik G...
ELS_810_638 ROITHNER-ELS_810_638 Datasheet
41Kb / 1P
   photoelectric barriers
logo
List of Unclassifed Man...
KFD2-SRA-EX4 ETC2-KFD2-SRA-EX4 Datasheet
275Kb / 4P
   Transformer Isolated Barriers
100489-6 ETC2-100489-6 Datasheet
114Kb / 1P
   Nickel thin film elements are characterized by a relatively high temperature coefficient
100485-4 ETC2-100485-4 Datasheet
54Kb / 1P
   Nickel thin film elements are characterized by a relatively high temperature coefficient
100439-3 ETC2-100439-3 Datasheet
54Kb / 1P
   Nickel thin film elements are characterized by a relatively high temperature coefficient
100064-3 ETC2-100064-3 Datasheet
59Kb / 1P
   Nickel thin film elements are characterized by a relatively high temperature coefficient
100488-1 ETC2-100488-1 Datasheet
58Kb / 1P
   Nickel thin film elements are characterized by a relatively high temperature coefficient
logo
Texas Instruments
SN54LS31 TI-SN54LS31 Datasheet
137Kb / 4P
[Old version datasheet]   DELAY ELEMENTS
SN54LS31 TI1-SN54LS31_12 Datasheet
474Kb / 6P
[Old version datasheet]   DELAY ELEMENTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com