Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL22DFAG016F Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # TL22DFAG016F
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

TL22DFAG016F Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  TL22DFAG016F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. TL22DFAG016F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. TL22DFAG016F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. TL22DFAG016F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. TL22DFAG016F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. TL22DFAG016F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series TL
Fully Illuminated Toggles
A126
A
www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
6A @ 125V AC or 3A @ 250V AC or 6A @ 12V DC for silver
Logic Level (gold):
0.4VA maximum @ 28V AC/DC maximum for gold
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: See Supplement Index for explanation of operating range.
Other Ratings
Contact Resistance:
10 milliohms maximum for silver; 20 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
25,000 operations minimum for silver; 50,000 operations minimum for gold
Static Capability:
Withstands 20 kilovolts ESD minimum
Nominal Operating Force:
1.9N for .689” (17.5mm) toggle; 2.5N for .433” (11.0mm) toggle
Angle of Throw:
25°
Materials & Finishes
Toggle:
Polycarbonate
Housing:
Glass fiber reinforced polyamide
Sealing Ring:
Nitrile butadiene rubber
Base:
Diallyl phthalate (UL94V-0)
Movable Contactor:
Phosphor bronze with silver or gold plating
Movable Contacts:
Silver alloy or copper with gold plating
Stationary Contact:
Silver plus copper with silver plating or copper with gold plating
Lamp Contacts:
Beryllium copper with silver plating
Power Terminals:
Copper with silver or gold plating
Lamp Terminals:
Brass with silver plating
Environmental Data
Operating Temperature Range:
–10°C through +55°C (+14°F through +131°F)
Humidity:
90 ~ 95% humidity for 240 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 1.75 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
.98Nm (8.67 lbin) maximum
Soldering Time & Temperature:
Manual Soldering: See Profile B in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 base


Similar Part No. - TL22DFAG016F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
TL22DFAG016F NKK-TL22DFAG016F Datasheet
139Kb / 5P
   Fully Illuminated Toggles
More results

Similar Description - TL22DFAG016F

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com