Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79C18 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BZX79C18
Description  Zeners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX79C18 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BZX79C18 Datasheet HTML 1Page - Fairchild Semiconductor BZX79C18 Datasheet HTML 2Page - Fairchild Semiconductor BZX79C18 Datasheet HTML 3Page - Fairchild Semiconductor BZX79C18 Datasheet HTML 4Page - Fairchild Semiconductor BZX79C18 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
BZX79C2V4 - BZX79C180, Rev. B1
Electrical Characteristics T
A=25°C unless otherwise noted
Device
Zener Voltage (Note 1)
ZZ @ IZ (Ω)
Leakage Current
TC (mV / °C)
C (pF)
Min.
Max.
IZ (mA)
Max.
IR (µA)
VR (V)
Min.
Max.
VZ = 0, f = 1MHz
BZX79C2V4
BZX79C2V7
BZX79C3V0
BZX79C3V3
BZX79C3V6
2.2
2.5
2.8
3.1
3.4
2.6
2.9
3.2
3.5
3.8
5
5
5
5
5
100
100
95
95
90
100
75
50
25
15
1
1
1
1
1
-3.5
-3.5
-3.5
-3.5
-3.5
0
0
0
0
0
255
230
215
200
185
BZX79C3V9
BZX79C4V3
BZX79C4V7
BZX79C5V1
BZX79C5V6
3.7
4
4.4
4.8
5.2
4.1
4.6
5
5.4
6
5
5
5
5
5
90
90
80
60
40
10
5
3
2
1
1
1
2
2
2
-3.5
-3.5
-3.5
-2.7
-2
+0.3
+1
+0.2
+1.2
+2.5
175
160
130
110
95
BZX79C6V2
BZX79C6V8
BZX79C7V5
BZX79C8V2
BZX79C9V1
5.8
6.4
7
7.7
8.5
6.6
7.2
7.9
8.7
9.6
5
5
5
5
5
10
15
15
15
15
3
2
1
0.7
0.5
4
4
5
5
6
0.4
1.2
2.5
3.2
3.8
3.7
4.5
5.3
6.2
7
90
85
80
75
70
BZX79C10
BZX79C11
BZX79C12
BZX79C13
BZX79C14
9.4
10.4
11.4
12.4
13.8
10.6
11.6
12.7
14.1
15.6
5
5
5
5
5
20
20
25
30
30
0.2
0.1
0.1
0.1
0.05
7
8
8
8
10.5
4.5
5.4
6
7
9.2
8
9
10
11
13
70
65
65
60
55
BZX79C16
BZX79C18
BZX79C20
BZX79C22
BZX79C24
15.3
16.8
18.8
20.8
22.8
17.1
19.1
21.2
23.3
25.6
5
5
5
5
5
40
45
55
55
70
0.05
0.05
0.05
0.05
0.05
11.2
12.6
14
15.4
16.8
10.4
12.9
14.4
16.4
18.4
14
16
18
20
22
52
47
36
34
33
BZX79C27
BZX79C30
BZX79C33
BZX79C36
BZX79C39
25.1
28
31
34
37
28.9
32
35
38
41
2
2
2
2
2
80
80
80
90
130
0.05
0.05
0.05
0.05
0.05
18.9
21
23.1
25.2
27.3
-
-
-
-
-
23.5
26
29
31
34
30
27
25
23
21
Zeners
BZX79C2V4 - BZX79C180
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Symbol
Parameter
Value
Units
PD
Power Dissipation
@ TL
≤ 75°C, Lead Length = 3/8”
500
mW
Derate above 75
°C4.0
mW/
°C
TJ, TSTG
Operating and Storage Temperature Range
-65 to +200
°C
Tolerance = 5%
DO-35 Glass case
COLOR BAND DENOTES CATHODE


Similar Part No. - BZX79C18

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C18 FAIRCHILD-BZX79C18 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Continental Device Indi...
BZX79C18 CDIL-BZX79C18 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C18 EIC-BZX79C18 Datasheet
36Kb / 2P
   ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX79C18 NJSEMI-BZX79C18 Datasheet
132Kb / 2P
   ZENER DIODES
logo
First Components Intern...
BZX79C18 FCI-BZX79C18 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Similar Description - BZX79C18

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com