Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL22DDAG015D Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # TL22DDAG015D
Description  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

TL22DDAG015D Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  TL22DDAG015D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. TL22DDAG015D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. TL22DDAG015D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. TL22DDAG015D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. TL22DDAG015D Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. TL22DDAG015D Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Series TL
Fully Illuminated Toggles
A131
A
www.nkkswitches.com
AT527MA Black Hex Nut
Use as Face Nut
Chrome/Steel
AT527M Hex Nut
Use as Backup Nut
Nickel/Steel
AT508 Lockwasher
Not to use with Panel Seal
Steel with Chromate/Zinc
AT401P O-ring
Use for Panel Seal
Nitrile butadiene rubber
Panel Cutouts
OPTIONAL HARDWARE
STANDARD HARDWARE
(0.5)
.020
(1.0)
.039
(12.1)
.476
(15.8) Dia
.622
(13.8) Dia
.543
M12 P1
(14.0)
.551
(16.0)
.630
(2.0)
.079
(1.5)
.059
(12.1) Dia
.476
(17.5) Dia
.689
(14.0)
.551
M12 P1
(16.0)
.630
(2.0)
.079
Hardware details in Accessories & Hardware section.
Maximum Panel Thickness
with Standard Hardware:
.157” (4.0mm)
Maximum Panel Thickness
with Standard Hardware
& AT401P O-ring:
.236” (6.0mm)
(12.5) Dia
.492
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060


Similar Part No. - TL22DDAG015D

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
TL22DDAG015D NKK-TL22DDAG015D Datasheet
139Kb / 5P
   Fully Illuminated Toggles
More results

Similar Description - TL22DDAG015D

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com