Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9133 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM9133
Description  4-Channel, Video Filter Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9133 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM9133 Datasheet HTML 2Page - SG Micro Corp SGM9133 Datasheet HTML 3Page - SG Micro Corp SGM9133 Datasheet HTML 4Page - SG Micro Corp SGM9133 Datasheet HTML 5Page - SG Micro Corp SGM9133 Datasheet HTML 6Page - SG Micro Corp SGM9133 Datasheet HTML 7Page - SG Micro Corp SGM9133 Datasheet HTML 8Page - SG Micro Corp SGM9133 Datasheet HTML 9Page - SG Micro Corp SGM9133 Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
4-Channel, Video Filter Driver
SGM9133
for SD/HD (1080i)/HD (1080p)
6
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS
(TA = +25
℃, VIN = 1VPP, VCC = 5V, RSOURCE = 37.5Ω; all inputs are AC-coupled with 0.1µF; all outputs are AC-coupled with 220µF into
150Ω, referenced to 400kHz, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
1080i HIGH DEFINITION MODE ELECTRICAL CHARACTERISTICS
-0.1dB Bandwidth
RL = 150Ω
32
MHz
-1dB Bandwidth
RL = 150Ω
39
MHz
-3dB Bandwidth
RL = 150Ω
46
MHz
Filter Response (Normalized Gain)
fIN = 400kHz to 74.25MHz
25
dB
Slew Rate
2V Output step, 80% to 20%
190
V/μs
Group Delay Variation (D/DT)
Difference between 400kHz and 26MHz
3.5
ns
Crosstalk (channel-to-channel)
VOUT = 1.4VPP, f = 1MHz
-63
dB
Fall Time
2V Output step, 80% to 20%
6.2
ns
Rise Time
2V Output step, 80% to 20%
6.2
ns
1080p HIGH DEFINITION MODE ELECTRICAL CHARACTERISTICS
-0.1dB Bandwidth
RL = 150Ω
78
MHz
-1dB Bandwidth
RL = 150Ω
86
MHz
-3dB Bandwidth
RL = 150Ω
98
MHz
Filter Response (Normalized Gain)
fIN = 400kHz to 148MHz
22
dB
Slew Rate
2V Output step, 80% to 20%
340
V/μs
Group Delay Variation (D/DT)
Difference between 400kHz and 70MHz
7
ns
Crosstalk (channel-to-channel)
VOUT = 1.4VPP, f = 1MHz
-64
dB
Fall Time
2V Output step, 80% to 20%
3.3
ns
Rise Time
2V Output step, 80% to 20%
3.6
ns


Similar Part No. - SGM9133

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9131 SGMICRO-SGM9131 Datasheet
305Kb / 11P
   3-Channel, Video Filter Driver
SGM9131YS8G/TR SGMICRO-SGM9131YS8G/TR Datasheet
305Kb / 11P
   3-Channel, Video Filter Driver
SGM9132 SGMICRO-SGM9132 Datasheet
309Kb / 11P
   3-Channel, Video Filter Driver
SGM9132YPS8G/TR SGMICRO-SGM9132YPS8G/TR Datasheet
309Kb / 11P
   3-Channel, Video Filter Driver
SGM9134 SGMICRO-SGM9134 Datasheet
330Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
More results

Similar Description - SGM9133

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9146 SGMICRO-SGM9146 Datasheet
357Kb / 13P
   4-Channel, Video Filter Driver
SGM9136 SGMICRO-SGM9136 Datasheet
356Kb / 13P
   4-Channel, Video Filter Driver
SGM9150 SGMICRO-SGM9150 Datasheet
350Kb / 12P
   4-Channel, Video Filter Driver
SGM9128YP SGMICRO-SGM9128YP Datasheet
349Kb / 12P
   4-Channel, 6th-Order Video Filter Driver
SGM9135 SGMICRO-SGM9135 Datasheet
332Kb / 12P
   4-Channel, 6th-Order Video Filter Driver
SGM9137 SGMICRO-SGM9137 Datasheet
332Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
SGM9134 SGMICRO-SGM9134 Datasheet
330Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
SGM9132 SGMICRO-SGM9132 Datasheet
309Kb / 11P
   3-Channel, Video Filter Driver
SGM9155 SGMICRO-SGM9155 Datasheet
504Kb / 13P
   Single Channel, Video Filter Driver
SGM9131 SGMICRO-SGM9131 Datasheet
305Kb / 11P
   3-Channel, Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com