Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H60060-3 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # H60060-3
Description  600V Class H Fuse Blocks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

H60060-3 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  H60060-3 Datasheet HTML 1Page - Cooper Bussmann, Inc. H60060-3 Datasheet HTML 2Page - Cooper Bussmann, Inc. H60060-3 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6.25
0.26
1.73
1.54
0.62
2.90
0.25
1.56
0.62
1.56
4.25
3.13
1.56
0.62
1.56
0.25
0.28 x 0.5
0.28 x 0.5
0.28 x 0.5
7.36"
0.25"
2.06"
1.81"
0.62"
3.38"
0.59"
0.62"
4.94"
2.38"
2.125"
0.62"
0.28" DIA. x
0.5" C'BORE
0.59"
1.56"
1.56"
1.56"
3.125"
Dimensions – in
600V, 110 to 30A
600V, 31 to 60A
FIGURE 1.
FIGURE 2.
FIGURE 3.
0.88
0.88
0.67
1.81
4.03
2.22
0.28 x 0.5
0.28 x 0.5
0.88
0.67
1.81
1.81
0.28 x 0.5
5.84
9.5
0.34
2.38
4.25
2.63
600V, 61 to 100A
FIGURE 7.
FIGURE 8.
FIGURE 9.
FIGURE 4.
FIGURE 5.
FIGURE 6.
0709
BU-SB08289
Page 2 of 3
Data Sheet 1113


Similar Part No. - H60060-3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
H60060-3 COOPER-H60060-3 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
More results

Similar Description - H60060-3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
logo
Eaton All Rights Reserv...
T600 EATON-T600 Datasheet
895Kb / 4P
   Class T 600V open fuse blocks
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
Littelfuse
LFG600151 LITTELFUSE-LFG600151 Datasheet
455Kb / 2P
   LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com