Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG1250W-XBN2MM Datasheet(PDF) 5 Page - Littelfuse

Part # MG1250W-XBN2MM
Description  AC motor control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MG1250W-XBN2MM Datasheet(HTML) 5 Page - Littelfuse

  MG1250W-XBN2MM Datasheet HTML 1Page - Littelfuse MG1250W-XBN2MM Datasheet HTML 2Page - Littelfuse MG1250W-XBN2MM Datasheet HTML 3Page - Littelfuse MG1250W-XBN2MM Datasheet HTML 4Page - Littelfuse MG1250W-XBN2MM Datasheet HTML 5Page - Littelfuse MG1250W-XBN2MM Datasheet HTML 6Page - Littelfuse MG1250W-XBN2MM Datasheet HTML 7Page - Littelfuse MG1250W-XBN2MM Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
251
Power Module
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:12/04/14
MG1250W-XBN2MM
Power Module
1200V 50A IGBT Module
Figure 1:Typical Output Characteristics
for IGBT Inverter
VCE V
Tj =125°C
Tj =25°C
100
80
40
20
0
0
0.5 1.0 1.5 2.0 2.5 3.0
VGE =15V
3.5
60
Figure 2:Typical Output Characteristics
for IGBT Inverter
VGE V
0
20
40
100
Tj =125°C
Tj =25°C
VCE =20V
12
9
0
1
5
6
7
8
11
60
80
Figure 3:Typical Transfer Characteristics
for IGBT Inverter
8
12
4
6
2
0010
20
30
40
Eon
Eoff
RG
VCE=600V
IC=50A
VGE=±15V
Tj =125°C
10
Figure 4: Switching Energy vs. Gate Resistor
for IGBT Inverter
0
20
IC A
VCE=600V
RG=18
VGE=±15V
Tj =125°C
100
60
40
Eoff
Eon
0
4
8
20
12
80
16
Figure 5: Switching Energy vs. Collector Current
for IGBT Inverter
Figure 6: Reverse Biased Safe Operating Area
for IGBT Inverter
0
30
40
60
100
120
0
200 400 600 800 1000 1200
VCE V
1400
RG= 18Ω
VGE=±15V
Tj =125°C
80
VCE V
4.0
3.5
3.0
2.5
1.5
1.0
0.5
0
TJ =125°C
2.04.5 5.0
0
GE
V =11V
GE
V = 9V
GE
V =13V
GE
V =15V
GE
V =17V
GE
V =19V
100
80
40
20
60
5


Similar Part No. - MG1250W-XBN2MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG1250H-XN2MM LITTELFUSE-MG1250H-XN2MM Datasheet
1Mb / 5P
   AC motor control
MG1250S-BA1MM LITTELFUSE-MG1250S-BA1MM Datasheet
1Mb / 6P
   1200V 50A IGBT Module
More results

Similar Description - MG1250W-XBN2MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12100W-XN2MM LITTELFUSE-MG12100W-XN2MM Datasheet
1Mb / 6P
   AC motor control
MG1250H-XN2MM LITTELFUSE-MG1250H-XN2MM Datasheet
1Mb / 5P
   AC motor control
MG1275W-XBN2MM LITTELFUSE-MG1275W-XBN2MM Datasheet
1Mb / 8P
   AC motor control
MG17450WB-BN4MM LITTELFUSE-MG17450WB-BN4MM Datasheet
1Mb / 5P
   AC motor control
MG1275H-XN2MM LITTELFUSE-MG1275H-XN2MM Datasheet
1Mb / 5P
   AC motor control
MG12450WB-BN2MM LITTELFUSE-MG12450WB-BN2MM Datasheet
1Mb / 5P
   AC motor control
MG1225H-XBN2MM LITTELFUSE-MG1225H-XBN2MM Datasheet
1Mb / 8P
   AC motor control
MG12150W-XN2MM LITTELFUSE-MG12150W-XN2MM Datasheet
1Mb / 6P
   AC motor control
MG17225WB-BN4MM LITTELFUSE-MG17225WB-BN4MM Datasheet
1Mb / 5P
   AC motor control
MG1275W-XN2MM LITTELFUSE-MG1275W-XN2MM Datasheet
1Mb / 6P
   AC motor control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com