Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG1240H-XBN2MM Datasheet(PDF) 2 Page - Littelfuse

Part # MG1240H-XBN2MM
Description  Fast switching and short tail current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MG1240H-XBN2MM Datasheet(HTML) 2 Page - Littelfuse

  MG1240H-XBN2MM Datasheet HTML 1Page - Littelfuse MG1240H-XBN2MM Datasheet HTML 2Page - Littelfuse MG1240H-XBN2MM Datasheet HTML 3Page - Littelfuse MG1240H-XBN2MM Datasheet HTML 4Page - Littelfuse MG1240H-XBN2MM Datasheet HTML 5Page - Littelfuse MG1240H-XBN2MM Datasheet HTML 6Page - Littelfuse MG1240H-XBN2MM Datasheet HTML 7Page - Littelfuse MG1240H-XBN2MM Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Power Module
©2016 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:10/05/16
218
MG1240H-XBN2MM
1200V 40A IGBT Module
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
IGBT
V
GE(th)
Gate - Emitter Threshold Voltage
V
CE=VGE, IC=1.5mA
5.0
5.8
6.5
V
V
CE(sat)
Collector - Emitter
I
C=40A, VGE=15V, TJ=25°C
1.8
V
Saturation Voltage
I
C=40A, VGE=15V, TJ=125°C
2.05
V
I
ICES
Collector Leakage Current
V
CE=1200V, VGE=0V, TJ=25°C
0.25
mA
V
CE=1200V, VGE=0V, TJ=125°C
2
mA
I
GES
Gate Leakage Current
V
CE=0V, VGE=±15V, TJ=125°C
-400
400
nA
R
Gint
Integrated Gate Resistor
6.0
Ω
Q
ge
Gate Charge
V
CE=600V, IC=40A , VGE=±15V
0.33
μC
C
ies
Input Capacitance
V
CE=25V, VGE=0V, f =1MHz
2.5
nF
C
res
Reverse Transfer Capacitance
0.11
nF
t
d(on)
Turn - on Delay Time
V
CC=600V
I
C=40A
R
G =27Ω
V
GE=±15V
Inductive Load
T
J=25°C
90
ns
T
J=125°C
90
ns
t
r
Rise Time
T
J=25°C
30
ns
T
J=125°C
50
ns
t
d(off)
Turn - off Delay Time
T
J=25°C
420
ns
T
J=125°C
520
ns
t
f
Fall Time
T
J=25°C
70
ns
T
J=125°C
90
ns
E
on
Turn - on Energy
T
J=25°C
4.1
mJ
T
J=125°C
5.8
mJ
E
off
Turn - off Energy
T
J=25°C
3.6
mJ
T
J=125°C
4.2
mJ
I
SC
Short Circuit Current
t
psc≤10μS , VGE=15V; TJ=125°C , VCC=900V
160
A
R
thJC
Junction-to-Case Thermal Resistance (Per IGBT)
0.64
K/W
Diode
V
F
Forward Voltage
I
F=40A, VGE=0V, TJ =25°C
1.80
V
I
F=40A, VGE=0V, TJ =125°C
1.85
V
t
RR
Reverse Recovery Time
I
F=40A, VR=600V
di
F/dt=-400A/µs
T
J=125°C
240
ns
I
RRM
Max. Reverse Recovery Current
35
A
E
rec
Reverse Recovery Energy
2.8
mJ
R
thJCD
Junction-to-Case Thermal Resistance (Per Diode)
1.0
K/W
Electrical and Thermal Specifications (T
J = 25°C, unless otherwise specified)
2


Similar Part No. - MG1240H-XBN2MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12400D-BN2MM LITTELFUSE-MG12400D-BN2MM Datasheet
1Mb / 5P
   Medical applications
More results

Similar Description - MG1240H-XBN2MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG12600WB-BR2MM LITTELFUSE-MG12600WB-BR2MM Datasheet
1Mb / 5P
   Fast switching and short tail current
MG1225H-XN2MM LITTELFUSE-MG1225H-XN2MM Datasheet
1Mb / 5P
   Fast switching and short tail current
MG1215H-XBN2MM LITTELFUSE-MG1215H-XBN2MM Datasheet
1Mb / 8P
   Fast switching and short tail current
logo
Vincotech
20-PB06IPB010RC-P955A40Y VINCOTECH-20-PB06IPB010RC-P955A40Y Datasheet
2Mb / 30P
   Over current and short circuit protection
logo
Comset Semiconductor
2N5671 COMSET-2N5671_12 Datasheet
128Kb / 4P
   HIGH CURRENT FAST SWITCHING APPLICATIONS
2N5671 COMSET-2N5671 Datasheet
323Kb / 3P
   HIGH CURRENT FAST SWITCHING APPLICATIONS
logo
eupec GmbH
FZ800R12KS4_B2 EUPEC-FZ800R12KS4_B2 Datasheet
258Kb / 8P
   High Power Module with AlSiC base plate and short tail IGBT2 for high switching frequency
logo
SynQor Worldwide Headqu...
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com