Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0841AKLIFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9FGV0841AKLIFT
Description  8-Output Very Low-Power PCIe Gen1-2-3-4 Clock Generator with Zo=100ohms
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0841AKLIFT Datasheet(HTML) 1 Page - Integrated Device Technology

  9FGV0841AKLIFT Datasheet HTML 1Page - Integrated Device Technology 9FGV0841AKLIFT Datasheet HTML 2Page - Integrated Device Technology 9FGV0841AKLIFT Datasheet HTML 3Page - Integrated Device Technology 9FGV0841AKLIFT Datasheet HTML 4Page - Integrated Device Technology 9FGV0841AKLIFT Datasheet HTML 5Page - Integrated Device Technology 9FGV0841AKLIFT Datasheet HTML 6Page - Integrated Device Technology 9FGV0841AKLIFT Datasheet HTML 7Page - Integrated Device Technology 9FGV0841AKLIFT Datasheet HTML 8Page - Integrated Device Technology 9FGV0841AKLIFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATASHEET
9FGV0841 JUNE 26, 2017
1
©2017 Integrated Device Technology, Inc.
8-Output Very Low-Power PCIe Gen1-2-3-4
Clock Generator with Zo=100ohms
9FGV0841
Description
The 9FGV0841 is a member of IDT's SOC-friendly 1.8V very
low-power PCIe clock family. It has integrated output
terminations providing Zo = 100
 for direction connection to
100
 transmission lines. The device has 8 output enables for
clock management, 2 different spread spectrum levels in
addition to spread off, and 2 selectable SMBus addresses.
Typical Applications
PCIe Gen1–4 clock generation for Riser Cards, Storage,
Networking, JBOD, Communications, Access Points
Output Features
8 100MHz Low-Power (LP) HCSL DIF pairs with Zo =
100
1 1.8V LVCMOS REF output with Wake-On-LAN (WOL)
support
Key Specifications
DIF cycle-to-cycle jitter <50ps
DIF output-to-output skew <50ps
DIF phase jitter is PCIe Gen1-2-3-4 compliant
REF phase jitter is <1.5ps RMS
Features
Direct connection to 100Ω transmission lines; saves 32
resistors compared to standard PCIe devices
62mW typical power consumption; reduced thermal
concerns
Outputs can optionally be supplied from any voltage
between 1.05 and 1.8V; maximum power savings
OE# pins; support DIF power management
LP-HCSL differential clock outputs; reduced power and
board space
Programmable slew rate for each output; allows tuning for
various line lengths
Programmable output amplitude; allows tuning for various
application environments
DIF outputs blocked until PLL is locked; clean system
start-up
Selectable 0%, -0.25% or -0.5% spread on DIF outputs;
reduces EMI
External 25MHz crystal; supports tight ppm with 0 ppm
synthesis error
Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
3.3V tolerant SMBus interface works with legacy controllers
Selectable SMBus addresses; multiple devices can easily
share an SMBus segment
Space saving 6 x 6 mm 48-VFQFPN; minimal board space
Block Diagram
XIN/CLKIN_25
X2
CONTROL
LOGIC
vSS_EN_tri
^CKPWRGD_PD#
SDATA_3.3
SS Capable PLL
OSC
REF1.8
vOE(7:0)#
SCLK_3.3
vSADR
DIF0
DIF1
DIF2
DIF3
DIF4
DIF5
DIF6
DIF7
8


Similar Part No. - 9FGV0841AKLIFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0841AKLIFT IDT-9FGV0841AKLIFT Datasheet
280Kb / 17P
   8-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
More results

Similar Description - 9FGV0841AKLIFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGV0841 RENESAS-9FGV0841 Datasheet
1,014Kb / 22P
   8-Output Very Low-Power PCIe Gen1?? Clock Generator with Zo = 100ohms
9FGL839 RENESAS-9FGL839 Datasheet
6Mb / 12P
   8 OUTPUT LOW-POWER PCIE GEN1-2-3 CLOCK GENERATOR W/ZO=100OHMS
REV B 072114
9FGU0841 RENESAS-9FGU0841 Datasheet
400Kb / 17P
   8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641_17 Datasheet
267Kb / 16P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
logo
Renesas Technology Corp
9FGV0641 RENESAS-9FGV0641 Datasheet
649Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
JUNE 6, 2019
6P41282 RENESAS-6P41282 Datasheet
633Kb / 15P
   6-Output Very Low-Power PCIe Gen1–4 Clock Generator with Zo=100Ω
Mar 2020
9FGU0441 RENESAS-9FGU0441 Datasheet
394Kb / 16P
   4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGV0431 IDT-9FGV0431_16 Datasheet
224Kb / 15P
   4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGU0241 RENESAS-9FGU0241 Datasheet
398Kb / 16P
   2 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_16 Datasheet
224Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com