Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0831CKILFT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9FGV0831CKILFT
Description  8-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0831CKILFT Datasheet(HTML) 2 Page - Integrated Device Technology

  9FGV0831CKILFT Datasheet HTML 1Page - Integrated Device Technology 9FGV0831CKILFT Datasheet HTML 2Page - Integrated Device Technology 9FGV0831CKILFT Datasheet HTML 3Page - Integrated Device Technology 9FGV0831CKILFT Datasheet HTML 4Page - Integrated Device Technology 9FGV0831CKILFT Datasheet HTML 5Page - Integrated Device Technology 9FGV0831CKILFT Datasheet HTML 6Page - Integrated Device Technology 9FGV0831CKILFT Datasheet HTML 7Page - Integrated Device Technology 9FGV0831CKILFT Datasheet HTML 8Page - Integrated Device Technology 9FGV0831CKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
8-OUTPUT VERY LOW-POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
2
JUNE 26, 2017
9FGV0831 DATASHEET
Pin Configuration
SMBus Address Selection Table
Power Management Table
Power Connections
48 47 46 45 44 43 42 41 40 39 38 37
vSS_EN_tri 1
36 DIF5#
GNDXTAL 2
35 DIF5
X1_25 3
34 vOE4#
X2 4
33 DIF4#
VDDXTAL1.8 5
32 DIF4
VDDREF1.8 6
31 VDDIO
vSADR/REF1.8 7
30 VDDA1.8
GNDREF 8
29 GNDA
GNDDIG 9
28 vOE3#
SCLK_3.3 10
27 DIF3#
SDATA_3.3 11
26 DIF3
VDDDIG1.812
25vOE2#
13 14 15 16 17 18 19 20 21 22 23 24
vv prefix indicates internal 60kOhm pull-down resistor
v
prefix indicates internal 120kOhm pull-down resistor
^
prefix indicates internal 120kOhm pull-up resistor
6 x 6 mm 48-VFQFPN, 0.4mm pitch
9FGV0831
SADR
Address
0
1101000
1
1101010
State of SADR on first application
of CKPWRGD_PD#
+
Read/Write Bit
x
x
OEx#
True O/P
Comp. O/P
0
X
X
Low
Low
Hi-Z1
1
1
0
Running
Running
Running
1
0
1
Low
Low
Low
REF
CKPWRGD_PD#
SMBus
OE bit
DIFx
1. REF is Hi-Z until the 1st assertion of CKPWRGD_PD# high. After this, when
CKPWRG_PD# is low, REF is Low.
Pin Number
VDD
VDDIO
GND
5
2
XTAL OSC
68
REF Power
12
9
Digital (dirty)
Power
20,38
13,21,31,39,
47
22,29,40
DIF outputs
30
29
PLL Analog
Description


Similar Part No. - 9FGV0831CKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0831CKILFT IDT-9FGV0831CKILFT Datasheet
339Kb / 17P
   8-O/P 1.8V PCIe Gen 1/2/3 Clock Generator
logo
Renesas Technology Corp
9FGV0831CKILFT RENESAS-9FGV0831CKILFT Datasheet
516Kb / 16P
   8-Output Very Low-Power PCIe Gen 1–4 Clock Generator
JUNE 6, 2019
More results

Similar Description - 9FGV0831CKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0441 IDT-9FGV0441_17 Datasheet
294Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0241 IDT-9FGV0241_17 Datasheet
290Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0831 RENESAS-9FGV0831 Datasheet
516Kb / 16P
   8-Output Very Low-Power PCIe Gen 1–4 Clock Generator
JUNE 6, 2019
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
9FGV0631C RENESAS-9FGV0631C Datasheet
648Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0631 IDT-9FGV0631 Datasheet
264Kb / 16P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com