Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0441AKILFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9FGV0441AKILFT
Description  4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0441AKILFT Datasheet(HTML) 5 Page - Integrated Device Technology

  9FGV0441AKILFT Datasheet HTML 1Page - Integrated Device Technology 9FGV0441AKILFT Datasheet HTML 2Page - Integrated Device Technology 9FGV0441AKILFT Datasheet HTML 3Page - Integrated Device Technology 9FGV0441AKILFT Datasheet HTML 4Page - Integrated Device Technology 9FGV0441AKILFT Datasheet HTML 5Page - Integrated Device Technology 9FGV0441AKILFT Datasheet HTML 6Page - Integrated Device Technology 9FGV0441AKILFT Datasheet HTML 7Page - Integrated Device Technology 9FGV0441AKILFT Datasheet HTML 8Page - Integrated Device Technology 9FGV0441AKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
9FGV0441
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
IDT®
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
5
9FGV0441
JUNE 22, 2017
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9FGV0441. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over
the recommended operating temperature range.
Electrical Characteristics–Current Consumption
Electrical Characteristics–Output Duty Cycle, Jitter, and Skew Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
1.8V Supply Voltage
VDDx1.8
Applies to All VDD pins
-0.5
2.5
V
1,2
Input Voltage
VIN
-0.5
VDD+0.3V
V
1, 3
Input High Voltage, SMBus
VIHSMB
SMBus clock and data pins
3.6V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
3 Not to exceed 2.5V.
TA = TCOM or TIND; Supply Voltage per VDD of normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDDAOP
VDDA, All outputs active @100MHz
6
8
mA
1
IDDOP
VDD, All outputs active @100MHz
26
30
mA
1
Suspend Supply Current
IDDSUSP
VDDxxx, PD# = 0, Wake-On-LAN enabled
6
8
mA
1
Powerdown Current
IDDPD
PD#=0
0.6
1
mA
1, 2
1Guaranteed by design and characterization, not 100% tested in production.
2Assuming REF is not running in power down state
Operating Supply Current
TA = TCOM or TIND; Supply Voltage per VDD of normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50
55
%
1
Skew, Output to Output
tsk3
VT = 50%
34
50
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
PLL mode
14
50
ps
1,2
1Guaranteed by design and characterization, not 100% tested in production.
2 Measured from differential waveform


Similar Part No. - 9FGV0441AKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGV0441AKILFT RENESAS-9FGV0441AKILFT Datasheet
688Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
JUNE 6, 2019
More results

Similar Description - 9FGV0441AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_17 Datasheet
290Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
9FGV0441 RENESAS-9FGV0441 Datasheet
688Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0631C RENESAS-9FGV0631C Datasheet
648Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0631 IDT-9FGV0631 Datasheet
264Kb / 16P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
9FGV0831 IDT-9FGV0831_17 Datasheet
266Kb / 17P
   8-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com