Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0641 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9FGV0641
Description  6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0641 Datasheet(HTML) 4 Page - Integrated Device Technology

  9FGV0641_17 Datasheet HTML 1Page - Integrated Device Technology 9FGV0641_17 Datasheet HTML 2Page - Integrated Device Technology 9FGV0641_17 Datasheet HTML 3Page - Integrated Device Technology 9FGV0641_17 Datasheet HTML 4Page - Integrated Device Technology 9FGV0641_17 Datasheet HTML 5Page - Integrated Device Technology 9FGV0641_17 Datasheet HTML 6Page - Integrated Device Technology 9FGV0641_17 Datasheet HTML 7Page - Integrated Device Technology 9FGV0641_17 Datasheet HTML 8Page - Integrated Device Technology 9FGV0641_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
6-OUTPUT VERY LOW-POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR WITH ZO=100OHMS
4
JUNE 23, 2017
9FGV0641 DATASHEET
Test Loads
REF Output
33
REF Output Test Load
5pF
Zo = 50 ohms
Rs
Rs
Low-Power HCSL Differential Output Test Load
2pF
2pF
5 inches
Zo=100ohm
Device
Rs
Device
Rs
Zo
Driving LVDS
Cc
Cc
R7a
R7b
R8a
R8b
3.3V
LVDS Clock
input
Driving LVDS inputs
Receiver has
termination
Receiver does not
have termination
R7a, R7b
10K ohm
140 ohm
R8a, R8b
5.6K ohm
75 ohm
Cc
0.1 uF
0.1 uF
Vcm
1.2 volts
1.2 volts
Component
Value
Note


Similar Part No. - 9FGV0641_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641_16 Datasheet
210Kb / 15P
   6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
More results

Similar Description - 9FGV0641_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGV0641 RENESAS-9FGV0641 Datasheet
649Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0841 IDT-9FGV0841_17 Datasheet
261Kb / 17P
   8-Output Very Low-Power PCIe Gen1-2-3-4 Clock Generator with Zo=100ohms
logo
Renesas Technology Corp
9FGV0841 RENESAS-9FGV0841 Datasheet
1,014Kb / 22P
   8-Output Very Low-Power PCIe Gen1?? Clock Generator with Zo = 100ohms
9FGV0631C RENESAS-9FGV0631C Datasheet
648Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0631 IDT-9FGV0631 Datasheet
264Kb / 16P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0441 IDT-9FGV0441_17 Datasheet
294Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com