Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGV0431AKILFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9FGV0431AKILFT
Description  4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGV0431AKILFT Datasheet(HTML) 3 Page - Integrated Device Technology

  9FGV0431AKILFT Datasheet HTML 1Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 2Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 3Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 4Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 5Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 6Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 7Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 8Page - Integrated Device Technology 9FGV0431AKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
9FGV0431
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
IDT®
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
3
9FGV0431
JUNE 22, 2017
Pin Descriptions
Pin#
Pin Name
Type
Pin Description
1
GNDXTAL
GND
GND for XTAL
2
XIN/CLKIN_25
IN
Crystal input or Reference Clock input. Nominally 25MHz.
3
X2
OUT
Crystal output.
4
VDDXTAL1.8
PWR
Power supply for XTAL, nominal 1.8V
5
VDDREF1.8
PWR
VDD for REF output. nominal 1.8V.
6
vSADR/REF1.8
LATCHED
I/O
Latch to select SMBus Address/1.8V LVCMOS copy of X1 pin.
7
GNDREF
GND
Ground pin for the REF outputs.
8
GNDDIG
GND
Ground pin for digital circuitry
9
VDDDIG1.8
PWR
1.8V digital power (dirty power)
10
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
11
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
12
vOE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
13
DIF0
OUT
Differential true clock output
14
DIF0#
OUT
Differential Complementary clock output
15
GND
GND
Ground pin.
16
VDDO1.8
PWR
Power supply for outputs, nominally 1.8V.
17
vOE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
18
DIF1
OUT
Differential true clock output
19
DIF1#
OUT
Differential Complementary clock output
20
GNDA
GND
Ground pin for the PLL core.
21
VDDA1.8
PWR
1.8V power for the PLL core.
22
DIF2
OUT
Differential true clock output
23
DIF2#
OUT
Differential Complementary clock output
24
vOE2#
IN
Active low input for enabling DIF pair 2. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
25
VDDO1.8
PWR
Power supply for outputs, nominally 1.8V.
26
GND
GND
Ground pin.
27
DIF3
OUT
Differential true clock output
28
DIF3#
OUT
Differential Complementary clock output
29
vOE3#
IN
Active low input for enabling DIF pair 3. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
30
GND
GND
Ground pin.
31
^CKPWRGD_PD#
IN
Input notifies device to sample latched inputs and start up on first high assertion.
Low enters Power Down Mode, subsequent high assertions exit Power Down
Mode. This pin has internal pull-up resistor.
32
vSS_EN_tri
LATCHED IN
Latched select input to select spread spectrum amount at initial power up :
1 = -0.5% spread, M = -0.25%, 0 = Spread Off


Similar Part No. - 9FGV0431AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0431AKILFT IDT-9FGV0431AKILFT Datasheet
224Kb / 15P
   4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0431AKILFT RENESAS-9FGV0431AKILFT Datasheet
693Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
More results

Similar Description - 9FGV0431AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0441 IDT-9FGV0441_17 Datasheet
294Kb / 16P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_17 Datasheet
290Kb / 16P
   2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0241 RENESAS-9FGV0241 Datasheet
616Kb / 15P
   2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
November 16, 2022
9FGV0441 RENESAS-9FGV0441 Datasheet
688Kb / 17P
   4-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0631C RENESAS-9FGV0631C Datasheet
648Kb / 17P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0631 IDT-9FGV0631 Datasheet
264Kb / 16P
   6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
9FGV0831 IDT-9FGV0831_17 Datasheet
266Kb / 17P
   8-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com