Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR9016AF-W Datasheet(PDF) 9 Page - Rohm

Part # BR9016AF-W
Description  8k, 16k bit EEPROMs for direct connection to serial ports
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9016AF-W Datasheet(HTML) 9 Page - Rohm

Back Button BR9016AF-W Datasheet HTML 5Page - Rohm BR9016AF-W Datasheet HTML 6Page - Rohm BR9016AF-W Datasheet HTML 7Page - Rohm BR9016AF-W Datasheet HTML 8Page - Rohm BR9016AF-W Datasheet HTML 9Page - Rohm BR9016AF-W Datasheet HTML 10Page - Rohm BR9016AF-W Datasheet HTML 11Page - Rohm BR9016AF-W Datasheet HTML 12Page - Rohm BR9016AF-W Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BR9080AF-W / BR9080ARFV-W / BR9080ARFVM-W /
Memory ICs
BR9016AF-W / BR9016ARFV-W / BR9016ARFVM-W
9/12
(5) READY / BUSY display
(R / B pin and DO pin: BR9080AF-W / ARFV-W / ARFVM-W, BR9016AF-W / ARFV-W / ARFVM-W)
1) This display outputs the internal status signal; the R / B pin outputs the HIGH or LOW status at all times. The display
can also be output from the DO pin. Following completion of the writing command, if CS falls while SK is LOW, either
HIGH or LOW is output. (The display can also be output without using the R / B pin, leaving it open.)
2) When writing data to a memory cell, the READY / BUSY display is output from the rise of the 32nd clock pulse of the
SK signal after tSV, from the R / B pin.
R / B display = LOW: writing in progress
(The internal timer circuit is activated, and after the tE / W timing has been created, the timer circuit stops automatically.
Writing of data to the memory cell is done during the tE / W timing, during which time other commands cannot be
received.)
R / B display = HIGH: command standby state
(Writing of data to the memory cell has been completed and the next command can be received.)
Fig.8 R / B Status Output timing chart
SK
CS
DI
DO
READY
READY
READY
BUSY
tPD
tOH
BUSY
Write command
Clock
R / B
HIGH-Z
HIGH-Z
1) DO will output R / B status after CS is held low during SK=L, until CS is held high.
Note : The document may be strategic technical data subject to COCOM regulations.


Similar Part No. - BR9016AF-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9016 ROHM-BR9016 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016F ROHM-BR9016F Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9016RFV ROHM-BR9016RFV Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
More results

Similar Description - BR9016AF-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9010 ROHM-BR9010 Datasheet
187Kb / 17P
   1, 2, and 4k bit EEPROMs for direct connection to serial ports
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
   8K/16K 5.0V I 2 C O Serial EEPROMs
1996
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com