Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T528Z337M2R5ATE0097280 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T528Z337M2R5ATE0097280
Description  T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T528Z337M2R5ATE0097280 Datasheet(HTML) 5 Page - Kemet Corporation

  T528Z337M2R5ATE0097280 Datasheet HTML 1Page - Kemet Corporation T528Z337M2R5ATE0097280 Datasheet HTML 2Page - Kemet Corporation T528Z337M2R5ATE0097280 Datasheet HTML 3Page - Kemet Corporation T528Z337M2R5ATE0097280 Datasheet HTML 4Page - Kemet Corporation T528Z337M2R5ATE0097280 Datasheet HTML 5Page - Kemet Corporation T528Z337M2R5ATE0097280 Datasheet HTML 6Page - Kemet Corporation T528Z337M2R5ATE0097280 Datasheet HTML 7Page - Kemet Corporation T528Z337M2R5ATE0097280 Datasheet HTML 8Page - Kemet Corporation T528Z337M2R5ATE0097280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2018_T528 • 5/8/2017
55
KEMET Organic Capacitor (KO-CAP®) – Miniature
T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Table 1 – Ratings & Part Number Reference
Rated
Voltage
Rated
Capacitance
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple
Current
MSL
Maximum
Operating
Temp
VDC at 105ºC
µF
KEMET/EIA
(See below for
part options)
µA at +25ºC
Maximum/
5 Minutes
% at +25ºC
120 Hz
Maximum
mΩ at +25ºC
100 kHz
Maximum
mA at +45ºC
100 kHz
Reflow Temp
≤ 260ºC
ºC
2
270
B/3528-20
T528B277M002APE006
54.0
8
6
3900
3
105
2
270
B/3528-20
T528B277M002APE009
54.0
8
9
3200
3
105
2.5
220
Z/7343-17
T528Z227M2R5ATE006
55.0
10
6
7400
3
105
2.5
270
B/3528-20
T528B277M2R5APE006
67.5
10
6
3900
3
105
2.5
270
B/3528-20
T528B277M2R5APE009
67.5
10
9
3200
3
105
2.5
330
W/7343-15
T528W337M2R5ATE009
82.5
10
9
6000
3
105
2.5
330
Z/7343-17
T528Z337M2R5ATE005
82.5
10
5
8100
3
105
2.5
330
Z/7343-17
T528Z337M2R5ATE006
82.5
10
6
7400
3
105
2.5
330
Z/7343-17
T528Z337M2R5ATE007
82.5
10
7
6800
3
105
2.5
330
Z/7343-17
T528Z337M2R5ATE008
82.5
10
8
6400
3
105
2.5
330
Z/7343-17
T528Z337M2R5ATE009
82.5
10
9
6000
3
105
2.5
330
Z/7343-17
T528Z337M2R5ATE012
82.5
10
12
5200
3
105
2.5
470
Z/7343-17
T528Z477M2R5ATE005
117.5
10
5
8100
3
105
2.5
470
Z/7343-17
T528Z477M2R5ATE006
117.5
10
6
7400
3
105
2.5
470
Z/7343-17
T528Z477M2R5ATE008
117.5
10
8
6400
3
105
2.5
470
Z/7343-17
T528Z477M2R5ATE009
117.5
10
9
6000
3
105
2.5
470
Z/7343-17
T528Z477M2R5ATE012
117.5
10
12
5200
3
105
4
220
Z/7343-17
T528Z227M004ATE007
88.0
10
7
6800
3
105
4
220
Z/7343-17
T528Z227M004ATE008
88.0
10
8
6400
3
105
4
220
Z/7343-17
T528Z227M004ATE009
88.0
10
9
6000
3
105
4
220
Z/7343-17
T528Z227M004ATE012
88.0
10
12
5200
3
105
4
330
Z/7343-17
T528Z337M004ATE009
132.0
10
9
6000
3
105
4
330
Z/7343-17
T528Z337M004ATE012
132.0
10
12
5200
3
105
6.3
150
Z/7343-17
T528Z157M006ATE007
94.5
10
7
6800
3
105
6.3
150
Z/7343-17
T528Z157M006ATE008
94.5
10
8
6400
3
105
6.3
150
Z/7343-17
T528Z157M006ATE009
94.5
10
9
6000
3
105
6.3
150
Z/7343-17
T528Z157M006ATE012
94.5
10
12
5200
3
105
6.3
220
Z/7343-17
T528Z227M006ATE009
138.6
10
9
6000
3
105
6.3
220
Z/7343-17
T528Z227M006ATE012
138.6
10
12
5200
3
105
VDC at 105ºC
µF
KEMET/EIA
(See below for
part options)
µA at +25ºC
Maximum/
5 Minutes
% at +25ºC
120 Hz
Maximum
mΩat+25ºC
100 kHz
Maximum
mA +45ºC
100 kHz
Reflow Temp
≤ 260ºC
ºC
Rated
Voltage
Rated
Capacitance
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
MSL
Maximum
Operating
Temp
Other part number options:
1- Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H).
Also available on large (13 inch) reels. Add 7280 to the end of the part number.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will
be marked with the higher voltage rating. Substitutions can include better than series.


Similar Part No. - T528Z337M2R5ATE0097280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009 Datasheet
222Kb / 3P
   Face Down Termination Tantalum Surface Mount Capacitor
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009_16 Datasheet
1Mb / 15P
   T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
More results

Similar Description - T528Z337M2R5ATE0097280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009_16 Datasheet
1Mb / 15P
   T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
T528K157M006ATE150 KEMET-T528K157M006ATE150 Datasheet
122Kb / 1P
   Polymer FaceDown, Low ESR, Low ESL
logo
Richtek Technology Corp...
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
   Single-Phase PWM Controller for CPU / GPU Core Power Supply
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
   Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
logo
Maxim Integrated Produc...
MAX77874 MAXIM-MAX77874 Datasheet
1Mb / 37P
   16A High-Performance Quad-Phase Buck Regulator for Multicore CPU and GPU Processors
Rev 0; 11/16
logo
Cornell Dubilier Electr...
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
logo
Cornell Dubilier Electr...
HZC-V CDE-HZC-V Datasheet
793Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
Murata Manufacturing Co...
LLA315R70J225MA14 MURATA1-LLA315R70J225MA14 Datasheet
639Kb / 22P
   Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
logo
TDK Electronics
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com