Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5L35021-000NDGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 5L35021-000NDGI
Description  Clock Generator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5L35021-000NDGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 5L35021-000NDGI Datasheet HTML 2Page - Integrated Device Technology 5L35021-000NDGI Datasheet HTML 3Page - Integrated Device Technology 5L35021-000NDGI Datasheet HTML 4Page - Integrated Device Technology 5L35021-000NDGI Datasheet HTML 5Page - Integrated Device Technology 5L35021-000NDGI Datasheet HTML 6Page - Integrated Device Technology 5L35021-000NDGI Datasheet HTML 7Page - Integrated Device Technology 5L35021-000NDGI Datasheet HTML 8Page - Integrated Device Technology 5L35021-000NDGI Datasheet HTML 9Page - Integrated Device Technology 5L35021-000NDGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
©2017 Integrated Device Technology, Inc.
July 13, 2017
5L35021 Datasheet
Electrical Characteristics
Supply voltage: all VDD ±5%, unless otherwise stated
1 All output currents measured with 0.5 inch transmission line and 0pF load.
2 Single CMOS driver active.
3 Power-down can be controlled by PD (OE1 input pin) and/or I2C bit.
4 Ultra Power-down must be controlled by PD (OE1 input pin).
5 Suspend mode requires all VDD to GND except VDDSEn (as desired) and VDD18.
6 DIFF outputs in LVCMOS mode can power-down to be high/low or low/low, depending on register 0x22<1:0>.
Table 6. Electrical Characteristics – Current Consumption 1,2
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
IDDCORE
Core Supply Current
VDD = VDDSE = VDD18 = 1.8V; XTAL = 25MHz,
PLL2/3 off, no output, PLLs disabled.
3.4
4.8
mA
IDD_PLL1 3
PLL1 Supply
Current
VDD = VDDSE = VDD18 = 1.8V; XTAL = 25MHz,
PLL2/3 off, no output, PLL1 = 600MHz.
12.1
15.3
mA
IDD_PLL2 3
PLL2 Supply
Current
VDD = VDDSE = VDD18 = 1.8V; XTAL = 25MHz,
PLL1/3 off, no output, PLL2 = 60MHz.
0.5
0.8
mA
IDD_PLL3 3
PLL3 Supply
Current
VDD = VDDSE = VDD18 = 1.8V; XTAL = 25MHz,
PLL1/2 off, no output, PLL3 = 480MHz.
2.5
3.2
mA
IDDOx
Output Buffer
Supply Current
LPHCSL, 125MHz, 1.8V VDDDIFF, no load
(DIFF1,2).
3.4
4.1
mA
LPHCSL, 100MHz, 1.8V VDDDIFF, no load
(DIFF1,2).
2.9
3.5
mA
LVCMOS, 8MHz, 1.8V, VDDSE 1,2 (SE1).
0.5
0.6
mA
LVCMOS, 160MHz, 1.8V VDDSEx 1,2 (SE1).
2.7
3.4
mA
IDDPD 3
Power Down
Current – LPHCSL
I2C functional during power-down, just 32kHz
running (if any); DIFF outputs in LPHCSL mode
are high/low.
2.6
3.4
mA
IDDPD 3
Power Down
Current – LVCMOS
I2C functional during power-down, just 32kHz
running (if any); DIFF outputs in LVCMOS mode
are high/low or low/low.
0.5
1
mA
IDDUPD 4
Ultra Power Down
Current – LPHCSL
I2C functional during power-down, just 32kHz
running (if any); DIFF outputs in LPHCSL mode
are low/low.
33
65
μA
IDDUPD 4
Ultra Power Down
Current – LVCMOS
I2C functional during power-down, just 32kHz
running (if any) – DIFF outputs in LVCMOS mode
are low/low.
33
65
μA
IDDSUSPEND 5
Suspend Mode
Current – 32kHz x 1
I2C off in Suspend Mode. One 32kHz output
running.
1.4
2.1
μA


Similar Part No. - 5L35021-000NDGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5L35021-000NDGI RENESAS-5L35021-000NDGI Datasheet
969Kb / 39P
   VersaClock® 3S Programmable Clock Generator
October 4, 2019
5L35021-000NDGI8 RENESAS-5L35021-000NDGI8 Datasheet
969Kb / 39P
   VersaClock® 3S Programmable Clock Generator
October 4, 2019
More results

Similar Description - 5L35021-000NDGI

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
logo
Intel Corporation
P4201A INTEL-P4201A Datasheet
25Kb / 1P
   CLOCK GENERATOR
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
   Clock Generator
logo
Rohm
BU3072HFV ROHM-BU3072HFV Datasheet
248Kb / 6P
   Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
   Clock Generator
logo
List of Unclassifed Man...
VT8225 ETC-VT8225 Datasheet
20Kb / 4P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com