Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-24V050W1AX Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PMC-24V050W1AX
Description  PMC Panel Mount Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-24V050W1AX Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PMC-24V050W1AX Datasheet HTML 1Page - Delta Electronics, Inc. PMC-24V050W1AX Datasheet HTML 2Page - Delta Electronics, Inc. PMC-24V050W1AX Datasheet HTML 3Page - Delta Electronics, Inc. PMC-24V050W1AX Datasheet HTML 4Page - Delta Electronics, Inc. PMC-24V050W1AX Datasheet HTML 5Page - Delta Electronics, Inc. PMC-24V050W1AX Datasheet HTML 6Page - Delta Electronics, Inc. PMC-24V050W1AX Datasheet HTML 7Page - Delta Electronics, Inc. PMC-24V050W1AX Datasheet HTML 8Page - Delta Electronics, Inc. PMC-24V050W1AX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TECHNICAL DATASHEET
PMC Panel Mount Power Supply
24V 50W 1 Phase / PMC-24V050W1A
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 01)
4
Safety Standards / Directives
Electrical Safety
Nemko Bauart to EN 60950-1, UL/cUL recognized to
UL 60950-1 and CSA C22.2 No. 60950-1, CB scheme
to IEC 60950-1, CCC to GB4943
CE
In conformance with EMC Directive 2004/108/EC and
Low Voltage Directive 2006/95/EC
Material and Parts
RoHS Directive 2011/65/EU Compliant
Galvanic Isolation
Input to Output
3.0KVac
Input to Ground
1.5KVac
Output to Ground
0.5KVac
EMC
EMC / Emissions
CISPR 22, EN 55022, FCC Title 47: Class B, GB9254
Immunity to
Electrostatic Discharge
IEC 61000-4-2
Level 4 Criteria A
1)
Air Discharge: 15kV
Contact Discharge: 8kV
Radiated Field
IEC 61000-4-3
Level 3 Criteria A
1)
80MHz-1GHz, 10V/M with 1kHz tone / 80% modulation
Electrical Fast Transient / Burst
IEC 61000-4-4
Level 3 Criteria A
1)
2kV
Surge
IEC 61000-4-5
Level 3 Criteria A
1)
Common Mode
2): 2kV
Differential Mode
3): 2kV
Conducted
IEC 61000-4-6
Level 3 Criteria A
1)
150kHz-80MHz, 10Vrms
Power Frequency Magnetic Fields
IEC 61000-4-8
Criteria A
1)
10A/Meter
Voltage Dips
IEC 61000-4-11
100% dip; 1 cycle (20ms); Self Recoverable
Low Energy Pulse Test (Ring Wave)
IEC 61000-4-12
Level 3 Criteria A
1)
Common Mode
2): 2kV
Differential Mode
3): 1kV
1) Criteria A: Normal performance within the specification limits
2) Asymmetrical: Common mode (Line to earth)
3) Symmetrical: Differential mode (Line to line)


Similar Part No. - PMC-24V050W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-24V050W1AA DELTA-PMC-24V050W1AA Datasheet
880Kb / 2P
   Panel Mount Power Supply 24V 50W 1 Phase
logo
Powerbox
PMC-24V050W1AA POWERBOX-PMC-24V050W1AA Datasheet
1Mb / 3P
   3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
More results

Similar Description - PMC-24V050W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-05V035W1AA DELTA-PMC-05V035W1AA Datasheet
764Kb / 11P
   PMC Panel Mount Power Supply
PMC-12V060W1NA DELTA-PMC-12V060W1NA Datasheet
1Mb / 11P
   PMC Panel Mount Power Supply
PMC-24V035W1AJ DELTA-PMC-24V035W1AJ Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V100W1AX DELTA-PMC-24V100W1AX Datasheet
912Kb / 12P
   PMC Panel Mount Power Supply
PMC-24V035W1AX DELTA-PMC-24V035W1AX Datasheet
1Mb / 13P
   PMC Panel Mount Power Supply
PMC-24V075W1AX DELTA-PMC-24V075W1AX Datasheet
1Mb / 12P
   PMC Panel Mount Power Supply
PMC-24V150W1BX DELTA-PMC-24V150W1BX Datasheet
1,021Kb / 13P
   PMC Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com