Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMC-12V035W1AX Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # PMC-12V035W1AX
Description  Power will not de-rate for the entire input voltage range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMC-12V035W1AX Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button PMC-12V035W1AX Datasheet HTML 2Page - Delta Electronics, Inc. PMC-12V035W1AX Datasheet HTML 3Page - Delta Electronics, Inc. PMC-12V035W1AX Datasheet HTML 4Page - Delta Electronics, Inc. PMC-12V035W1AX Datasheet HTML 5Page - Delta Electronics, Inc. PMC-12V035W1AX Datasheet HTML 6Page - Delta Electronics, Inc. PMC-12V035W1AX Datasheet HTML 7Page - Delta Electronics, Inc. PMC-12V035W1AX Datasheet HTML 8Page - Delta Electronics, Inc. PMC-12V035W1AX Datasheet HTML 9Page - Delta Electronics, Inc. PMC-12V035W1AX Datasheet HTML 10Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TECHNICAL DATASHEET
PMC Panel Mount Power Supply
12V 36W 1 Phase / PMC-12V035W1AX
All parameters are specified at 25°C ambient and AC input unless otherwise noted.
www.DeltaPSU.com (March 2015, Rev. 00)
9
Inrush Current
Inrush Current is the first surge current seen on the input side
when AC input is applied to the power supply. It is the first pulse
captured; see a typical picture for the inrush current as seen in
the power supply.
Dynamic Response
The power supply output voltage will remains within ±5% of its
steady state value, when subjected to a dynamic load from 0 to
100% of its rated current.
Overvoltage Protection
The power supply’s overvoltage circuit will be activated when its
internal feedback circuit fails. The output voltage shall not exceed
its specifications defined on Page 3 under “Protections”.
Overload & Overcurrent Protections
The power supply’s Overload (OLP) and Over current (OCP)
Protections will be activated when output current exceeds 120%
of IO (Max load). In such occurrence, the VO will start to droop and
once the power supply has reached its maximum power limit, the
protection is activated and the power supply will go into “Hiccup
mode” (Auto-Recovery). The power supply will recover once the
fault condition of the OLP and OCP is removed and IO is back
within the specifications.
It is not recommended to prolong the duration of IO when it is
<120 but >100%, since it may cause damage to the PSU.
Over Temperature Protection
As
mentioned
above,
the
power
supply
also
has
Over
Temperature Protection (OTP). In the event of a higher operating
temperature at 100% load, the power supply will run into OTP
when the operating temperature is beyond what is recommended
in the de-rating graph. When activated, the output voltage will go
into bouncing mode until the temperature drops to its normal
operating temperature as recommended in the de-rating graph.
Short Circuit Protection
The power supply’s output OLP/OCP function also provides
protection against short circuits. When a short circuit is applied,
the output current will operate in “Hiccup mode”, as shown in the
illustration in the OLP/OCP section on this page. The power
supply will return to normal operation after the short circuit is
removed.


Similar Part No. - PMC-12V035W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMC-12V035W1AA DELTA-PMC-12V035W1AA Datasheet
932Kb / 2P
   Panel Mount Power Supply 12V 35W 1 Phase
PMC-12V035W1AA DELTA-PMC-12V035W1AA Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
logo
Powerbox
PMC-12V035W1AA POWERBOX-PMC-12V035W1AA Datasheet
1Mb / 3P
   3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
logo
Delta Electronics, Inc.
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
More results

Similar Description - PMC-12V035W1AX

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRP POWERBOX-DRP Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
logo
Delta Electronics, Inc.
DRP048V120W1BX DELTA-DRP048V120W1BX Datasheet
1Mb / 15P
   Power will not de-rate for the entire input voltage range
DRC-24V60W1AZ DELTA-DRC-24V60W1AZ Datasheet
1Mb / 11P
   Power will not de-rate for the entire input voltage range
DRP024V060W3BX DELTA-DRP024V060W3BX Datasheet
1Mb / 14P
   Power will not de-rate for the entire input voltage range
DRP024V120W1BX DELTA-DRP024V120W1BX Datasheet
1Mb / 15P
   Power will not de-rate for the entire input voltage range
logo
Powerbox
DRP-012V POWERBOX-DRP-012V Datasheet
346Kb / 2P
   Power will not de-rate for the entire input voltage range
logo
Delta Electronics, Inc.
DRP012V030W1AX DELTA-DRP012V030W1AX Datasheet
1Mb / 12P
   Power will not de-rate for the entire input voltage range
logo
Holt Integrated Circuit...
HI-3000H HOLTIC-HI-3000H Datasheet
77Kb / 12P
   Will not disturb the bus if unpowered
logo
Marl International Limi...
538-501-75_1312 MARL-538-501-75_1312 Datasheet
395Kb / 5P
   Product will operate over a wide input voltage range
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
   Product will operate over a wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com