Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJB-24V150WXXA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # PJB-24V150WXXA
Description  Low Inrush Current / Low Leakage Current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PJB-24V150WXXA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button PJB-24V150WXXA Datasheet HTML 6Page - Delta Electronics, Inc. PJB-24V150WXXA Datasheet HTML 7Page - Delta Electronics, Inc. PJB-24V150WXXA Datasheet HTML 8Page - Delta Electronics, Inc. PJB-24V150WXXA Datasheet HTML 9Page - Delta Electronics, Inc. PJB-24V150WXXA Datasheet HTML 10Page - Delta Electronics, Inc. PJB-24V150WXXA Datasheet HTML 11Page - Delta Electronics, Inc. PJB-24V150WXXA Datasheet HTML 12Page - Delta Electronics, Inc. PJB-24V150WXXA Datasheet HTML 13Page - Delta Electronics, Inc. PJB-24V150WXXA Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TECHNICAL DATASHEET
PJB Open Frame Power Supply
24V 150W 1 Phase / PJB-24V150W
□□A
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (May 2014, Rev. 00)
10
Output De-rating VS. Input Voltage
Functional Manual
Remote ON/OFF Function
You can remotely control the power supply unit
to turn ON/OFF by using an external DC source.
Follow the DC power source voltage and current
limiting defined in the table below.
Built-in Resistor Ri (ohm)
Voltage Between RC+ and RC- (V)
Input Current (mA)
Output ON
Output OFF
1k
5-12.5
0-0.5
20 Max
Notes
1.
Remote ON/OFF circuits are isolated from input, output and PE.
2.
Please check if the polarity of the wire connector is the same as the external DC source. If not, the power would not turn on and
the internal components may be damaged.
3.
You do not need an external resistance RO for current limit while the output voltage of external DC source is within the range of
5-12.5V. If the output voltage exceeds 12.5V, please use the following equation for the value of current limit resistance RO.
��������=������������−(3.5+0.006��������)
0.006
■ No output power de-rating for the input voltage
range from 90Vac to 264Vac


Similar Part No. - PJB-24V150WXXA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJB-24V100WXXA DELTA-PJB-24V100WXXA Datasheet
890Kb / 14P
   Power Boost of 200% for 10 seconds
More results

Similar Description - PJB-24V150WXXA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
   Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
   Low leakage current
Revision: 08-Jul-15
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
   Low leakage current
logo
Vishay Siliconix
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
   Low leakage current
Revision: 08-Jul-15
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
   Low leakage current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
   Low leakage current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
Shanghai Semitech Semic...
ZY3.6 SEMITECH-ZY3.6 Datasheet
48Kb / 2P
   Low leakage current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com