Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1184K533A Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1184K533A
Description  4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1184K533A Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP1184K533A Datasheet HTML 3Page - Anachip Corp AP1184K533A Datasheet HTML 4Page - Anachip Corp AP1184K533A Datasheet HTML 5Page - Anachip Corp AP1184K533A Datasheet HTML 6Page - Anachip Corp AP1184K533A Datasheet HTML 7Page - Anachip Corp AP1184K533A Datasheet HTML 8Page - Anachip Corp AP1184K533A Datasheet HTML 9Page - Anachip Corp AP1184K533A Datasheet HTML 10Page - Anachip Corp AP1184K533A Datasheet HTML 11Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep 7, 2004
7/11
Performance Characteristic
Output Current (A)
Vcontrol Dropout Voltage vs Output Current
800
900
1000
1100
1200
Vpower = 2.05 V
Tj = 20 oC
Tj = 120 oC
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Current (A)
Vpower Dropout Voltage vs Output Current
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
Vcontrol = 2.75 V
Tj = 120 oC
Tj = 20 oC
Junction Temperature (oC)
Reference Voltage vs Junction Temperature
1. 247
1. 248
1. 249
1. 250
1. 251
1. 252
1. 253
0
20
40
60
80
100
120
Output Current (A)
Load Regulation vs Output Current
0
0. 02
0. 04
0. 06
0. 08
0. 10
0. 12
0. 14
0. 15
Tj = 20 oC
Tj = 120 oC
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0


Similar Part No. - AP1184K533A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184K533L-13 DIODES-AP1184K533L-13 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
AP1184K533L-U DIODES-AP1184K533L-U Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
More results

Similar Description - AP1184K533A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com