Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE-105 Datasheet(PDF) 1 Page - Littelfuse

Part # SE-105
Description  The SE-105/SE-107 is a combination ground-wire monitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SE-105 Datasheet(HTML) 1 Page - Littelfuse

  SE-105 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Protection Relays & Controls
© 2015 Littelfuse Protection Relays & Controls
SE-105, SE-107 SERIES
Ground-Fault Ground-Check Monitor
Description
The SE-105/SE-107 is a combination ground-wire monitor
and ground-fault relay for resistance-grounded systems. It
continuously monitors the integrity of the ground conductor
to protect portable equipment from hazardous voltages
caused by ground faults. The SE-105/SE-107 is an excellent
choice for trailing cables 5 kV and under in underground mining
applications. For higher voltages or long-cable applications, see
the SE-134C/SE-135.
Specifications
IEEE Device Numbers
Checking or Interlocking Relay (3GC),
Ground Fault (50G/N, 51G/N)
Input Voltage
See ordering information
Dimensions
H 150 mm (5.9”); W 109 mm (4.3”);
D 100 mm (4.0”)
Trip Level Settings
0.5, 2.0, 4.0 A
Trip Time Settings
0.1-1.0 s
Contact Operating Mode
Selectable fail-safe or non-fail-safe (SE-105)
Fail-safe only (SE-107)
Harmonic Filtering
Standard feature
Reset Button
Local and remote
Output Contacts
Isolated Form A
Approvals
CSA certified,
UL Listed (E340889),
C-Tick (Australian)
Conformally Coated
Standard feature
Warranty
5 years
Mounting
Surface
ORDERING NUMBER
CONTROL POWER
SE-105
120 Vac
SE-105D
120 Vac/Vdc
SE-105E
240 Vac
SE-107
120 Vac
SE-107D
120 Vac/Vdc
SE-107E
240 Vac
Ordering Information
Consult manual online for additional ordering options.
Simplified Circuit Diagram
CT200 Series CurrentTransformer
Required CT detects ground-fault current.
1N5339BTermination Device
5 W axial-lead ground-check termination; included
with SE-105/SE-107.
SE-TA6Termination Assembly
Optional termination assembly with convenient
terminals and mounting holes
SE-TA6-SM Stud-MountTermination Assembly
Optional 50 W ground-check termination that is
robust and compact for submersible pumps. Wire
lead simplifies installation.
Accessories
A
B
TRAILING
CABLE
CT
L2
L1
TERMINATION
DEVICE
A
G
GC
C
B
GROUNDED
SUPPLY
M
SE-105 SERIES
SE-107 SERIES
(Ground-Fault
Ground-Check
Monitor)
B
FEATURES
BENEFITS
Adjustable pickup
(0.5, 2.0, 4.0 A)
Unit can be used on a wide variety of trailing
cable applications
Adjustable time delay
(0.1-2.0 s)
Adjustable trip delay for quick protection and
system coordination
Harmonic filter
Prevents false operation
Zener-characteristic
termination assembly
Provides reliable ground-check loop verification
Fail-safe ground-check circuit
Ensures ground-check circuit remains safe
even in the event of equipment failure
Conformal coating
Additional coating protects circuit boards
against harsh environment
SE-105: Selectable UV- or
shunt-trip mode
Provides flexibility for different applications
SE-107: UV-trip mode only
Eliminates chance of unauthorized change to
trip circuit
Features & Benefits
ACCESSORIES
REQUIREMENT
CT200 Series
Required
1N5339B
Included
SE-TA6, SE-TA6-SM
Optional
SE-TA6A Series
Optional
RK-102, RK-105, RK-105I
Optional
RK-13
Optional
PPI-600V
Optional
A
Trailing Cable Protection–Ground-Fault Ground-Check Monitoring
Littelfuse.com/se-105, Littelfuse.com/se-107
Rev: 4-B-102214
SE-105 Based on Manual Rev: 13-D-050315
SE-107 Based on Manual Rev: 5-C-050715


Similar Part No. - SE-105

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SE-10 SONGLERELAY-SE-10 Datasheet
3Mb / 2P
   15A switching capability
SE-10-12VDC-F-L SONGLERELAY-SE-10-12VDC-F-L Datasheet
3Mb / 2P
   15A switching capability
SE-10-24VDC-F-L SONGLERELAY-SE-10-24VDC-F-L Datasheet
3Mb / 2P
   15A switching capability
logo
Mean Well Enterprises C...
SE-100 MEANWELL-SE-100 Datasheet
914Kb / 2P
   100W SINGLE OUTPUT SWITCHING POWER SUPPLY
SE-100-12 MEANWELL-SE-100-12 Datasheet
914Kb / 2P
   100W SINGLE OUTPUT SWITCHING POWER SUPPLY
More results

Similar Description - SE-105

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SE-601 LITTELFUSE-SE-601 Datasheet
2Mb / 1P
   The SE-601 is a microprocessor-based ground-fault
SE-704 LITTELFUSE-SE-704 Datasheet
370Kb / 1P
   The SE-704 is a microprocessor-based ground-fault relay
SE-134C LITTELFUSE-SE-134C Datasheet
310Kb / 1P
   The SE-134C/SE-135 is a microprocessor-based
SE-330 LITTELFUSE-SE-330 Datasheet
359Kb / 2P
   The SE-330 is an advanced ground-fault
SE-400 LITTELFUSE-SE-400 Datasheet
199Kb / 1P
   The SE-400 is a ground-fault-relay test unit designed
SE-145 LITTELFUSE-SE-145 Datasheet
2Mb / 1P
   The SE-145 is a three-channel
SE-701 LITTELFUSE-SE-701 Datasheet
2Mb / 1P
   The SE-701 is a microprocessor-based
SE-325 LITTELFUSE-SE-325 Datasheet
346Kb / 1P
   The SE-325 Neutral-Grounding-Resistor Monitor
SE-703 LITTELFUSE-SE-703 Datasheet
298Kb / 1P
   The SE-703 is a microprocessor-based earth-fault
logo
World Produts Inc.
WPANT30026-SE WPI-WPANT30026-SE Datasheet
453Kb / 6P
   The WPANT30026-SE antenna is a high performance Omni directional
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com