Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV1614T-12TC Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49BV1614T-12TC
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV1614T-12TC Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49BV1614T-12TC Datasheet HTML 6Page - ATMEL Corporation AT49BV1614T-12TC Datasheet HTML 7Page - ATMEL Corporation AT49BV1614T-12TC Datasheet HTML 8Page - ATMEL Corporation AT49BV1614T-12TC Datasheet HTML 9Page - ATMEL Corporation AT49BV1614T-12TC Datasheet HTML 10Page - ATMEL Corporation AT49BV1614T-12TC Datasheet HTML 11Page - ATMEL Corporation AT49BV1614T-12TC Datasheet HTML 12Page - ATMEL Corporation AT49BV1614T-12TC Datasheet HTML 13Page - ATMEL Corporation AT49BV1614T-12TC Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AT49BV1604(T)/1614(T)
10
AC Read Waveforms(1)(2)(3)(4)
Notes:
1. CE may be delayed up to tACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on tACC.
3. t
DF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
Input Test Waveforms and
Measurement Level
t
R, tF < 5 ns
Output Test Load
Note:
1. This parameter is characterized and is not 100% tested.
AC Read Characteristics
Symbol
Parameter
AT49BV16X4(T)-90
AT49BV16X4(T)-11
AT49BV16X4(T)-12
Units
MinMax
MinMax
MinMax
t
ACC
Address to Output Delay
90
110
120
ns
t
CE
(1)
CE to Output Delay
90
110
120
ns
t
OE
(2)
OE to Output Delay
0
40
0
45
0
50
ns
t
DF
(3)(4)
CE or OE to Output Float
0
25
0
30
0
30
ns
t
OH
Output Hold from OE, CE or Address,
whichever occurred first
000
ns
t
RO
RESET to Output Delay
800
800
800
ns
OUTPUT
VALID
OUTPUT
HIGH Z
RESET
OE
tOE
tCE
ADDRESS VALID
tDF
tOH
tACC
tRO
CE
ADDRESS
Pin Capacitance
f = 1 MHz, T = 25°C
(1)
Symbol
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V


Similar Part No. - AT49BV1614T-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1614T-12TC ATMEL-AT49BV1614T-12TC Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
More results

Similar Description - AT49BV1614T-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com