Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W55RFS27T3 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # W55RFS27T3
Description  Super-Regeneration RF Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55RFS27T3 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button W55RFS27T3 Datasheet HTML 2Page - List of Unclassifed Manufacturers W55RFS27T3 Datasheet HTML 3Page - List of Unclassifed Manufacturers W55RFS27T3 Datasheet HTML 4Page - List of Unclassifed Manufacturers W55RFS27T3 Datasheet HTML 5Page - List of Unclassifed Manufacturers W55RFS27T3 Datasheet HTML 6Page - List of Unclassifed Manufacturers W55RFS27T3 Datasheet HTML 7Page - List of Unclassifed Manufacturers W55RFS27T3 Datasheet HTML 8Page - List of Unclassifed Manufacturers W55RFS27T3 Datasheet HTML 9Page - List of Unclassifed Manufacturers W55RFS27T3 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
W55RFS27T3 DataSheet
6
Revision: A3.0
Publish Date: Dec. 2010
- 6 -
Revision A1
2.2 W55RFS27T3 Functional Description
W55RFS27T3 provides two operation
modes for convenient remote control product
development, named Manual-mode and uC-mode.
Manual-mode provides a powerful
baseband command encoder, which perform 6-
function binary data encode and direct output to
control the on-chip RF transmitter. The encoder
integrate Winbond patented ChannelShared
WB
technology in it and allow at most 3 players at the
same time. The 6-function can be Forward,
Backward, Left-turn, Right-turn for general R/C-
vehicle control and 2 other user-defined functions.
Auto power down function save battery life when
all inputs are released.
It is very convenient to do remote control
if W55RFS27T3 and its associated receiver/decoder
W55RFS27R3B are adopted.
The uC-mode provides digital interface for
external micro-controller to control the transmitter
easily and efficiently. The micro-controller only
needs two pins, TXD (S1) to send data and ENB
(S2) to enter power down mode, if needed.
The transmitter provides the FCC/ETSI
regulation provisions for 27M and 49MHz S-R
(Super-regeneration) modulation. Wide range of
operation voltage from 2.2V to 5.5V is suitable for
2-battery or 3-battery R/C toy application, and
15dBm high efficient transmission output power.
W55RFS27T3 Super-regeneration RF transmitter is
compliant to FCC part 15 class B and 15.227 /
ETSI 300 220-1, making it easier for wireless end
products to get FCC and ETSI compliance approval.
Electronic Characteristics
3.1 W55RFS27T3 Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage to Ground Potential
- 0.3 to 6.5
V
Applied Input/Output Voltage
- 0.3 to 6.5
V
Power Dissipation (Ta = 70C)
150
mW
Ambient Operating Temperature
0 to 70
C
Storage Temperature
-40 to 85
C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the device.


Similar Part No. - W55RFS27T3

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W55RFS27T3 NUVOTON-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
logo
Winbond
W55RFS27T3B WINBOND-W55RFS27T3B Datasheet
329Kb / 16P
   SUPER-REGENERATION RF RECEIVER
W55RFS27T3BH WINBOND-W55RFS27T3BH Datasheet
329Kb / 16P
   SUPER-REGENERATION RF RECEIVER
W55RFS27T3BW WINBOND-W55RFS27T3BW Datasheet
329Kb / 16P
   SUPER-REGENERATION RF RECEIVER
More results

Similar Description - W55RFS27T3

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W55RFS27T3 NUVOTON-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
W55RFS27T1B NUVOTON-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
logo
List of Unclassifed Man...
W55RFS27T1B ETC2-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
logo
Winbond
W55RFS27T1B WINBOND-W55RFS27T1B Datasheet
334Kb / 17P
   SUPER-REGENERATION RF TRANSMITTER
logo
Nuvoton Technology Corp...
W55RFS27R1B NUVOTON-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
W55RFS27R1B ETC2-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
logo
Winbond
W55RFS27R1B WINBOND-W55RFS27R1B Datasheet
259Kb / 15P
   SUPER-REGENERATION RF RECEIVER
W55RFS27R3C WINBOND-W55RFS27R3C Datasheet
257Kb / 13P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
W55RFS27R3C ETC2-W55RFS27R3C Datasheet
485Kb / 12P
   Super-Regeneration RF Receiver
logo
Winbond
W55RFS27T3B WINBOND-W55RFS27T3B Datasheet
329Kb / 16P
   SUPER-REGENERATION RF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com