Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1510621209 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1510621209
Description  2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1510621209 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1510621209 Datasheet HTML 1Page - Molex Electronics Ltd. 1510621209 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
125V AC
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-151062-0001
Product Specification
PS-151062-0001-001
Sales Drawing
SD-151062-0001
This document was generated on 06/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1510621209

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1510621204 MOLEX1-1510621204 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621205 MOLEX1-1510621205 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621206 MOLEX1-1510621206 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621207 MOLEX1-1510621207 Datasheet
56Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621208 MOLEX1-1510621208 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
More results

Similar Description - 1510621209

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1510621255 MOLEX1-1510621255 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621205 MOLEX1-1510621205 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621204 MOLEX1-1510621204 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621206 MOLEX1-1510621206 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621259 MOLEX1-1510621259 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621207 MOLEX1-1510621207 Datasheet
56Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621260 MOLEX1-1510621260 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621254 MOLEX1-1510621254 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621258 MOLEX1-1510621258 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
1510621252 MOLEX1-1510621252 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.38關m Gold
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com