Electronic Components Datasheet Search |
|
1510621208 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
1510621208 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 06/14/2017 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 1510621208 Status: Active Overview: Milli-Grid™ Connector System Description: 2.00mm Pitch Milli-Grid™ Header, Surface Mount, Single Row, Vertical, 0.38µm Gold (Au) Plating, without Peg, without Pick and Place Cap, 8 Circuits, Lead-free Documents: Drawing (PDF) Packaging Specification PK-151062-0001 (PDF) Product Specification PS-151062-0001-001 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 151062 Application Signal, Wire-to-Board Comments See Product Specification for maximum current rating by wire AWG Overview Milli-Grid™ Connector System Product Name Milli-Grid™ UPC 889056642613 Physical Breakaway No Circuits (Loaded) 8 Circuits (maximum) 8 Color - Resin Black Durability (mating cycles max) 25 First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Metal Copper Alloy Material - Plating Mating Gold over Nickel Material - Plating Termination Tin over Nickel Material - Resin Liquid Crystal Polymer Net Weight 771.544/mg Number of Rows 1 Orientation Vertical PCB Locator Yes PCB Retention Yes Packaging Type Tube Pitch - Mating Interface 2.00mm Pitch - Termination Interface 2.00mm Plating min - Mating 0.380µm Plating min - Termination 2.000µm Polarized to Mating Part Yes Polarized to PCB Yes Shrouded Yes Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -40°C to +70°C Termination Interface: Style Surface Mount Series image - Reference only EU ELV Compliant EU RoHS China RoHS Compliant REACH SVHC Not Contained Per -ED/01/2017 (12 January 2017) Halogen-Free Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Green Image ELV Compliant RoHS Phthalates Not Contained Search Parts in this Series 151062 Series Mates With Milli-Grid™ Receptacle Housing 151100 |
Similar Part No. - 1510621208 |
|
Similar Description - 1510621208 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |