Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9300F Datasheet(PDF) 1 Page - Rohm

Part # BD9300F
Description  1-channel DC/DC converter controller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9300F Datasheet(HTML) 1 Page - Rohm

  BD9300F Datasheet HTML 1Page - Rohm BD9300F Datasheet HTML 2Page - Rohm BD9300F Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BD9300/F/FV
Regulators
Rev.A
1/2
1-channel DC/DC converter controller
BD9300/F/FV
BD9300/F/FV is an output open collector type of 1-channel DC/DC converter controller. Step-up, step-down and inverting
DC/DC converter can be composed. Input voltage range is wide (3.6V to 35V) and this IC can be used widely for various
applications. Pin layout is nearly the same as BA9700 and it is easy to replace it.
Applications
External dimensions (Unit : mm)
TV, power supply for liquid crystal TV, Backlight
DIP14
• BD9300
• BD9300F
• BD9300FV
SOP14
SSOP-B14
19.4 ± 0.3
0.5 ± 0.1
14
8
7
1
0.3 ± 0.1
7.62
0 ~ 15
2.54
1
14
8.7±0.2
7
8
0.4±0.1
0.15±0.1
1.27
0.1
8
7
14
1
5.0 ± 0.2
0.22 ± 0.1
0.65
0.15 ± 0.1
0.1
DSC, DVC, Printer, DVD, DVD recorder, Other consumer products
Features
1) 1-channel PWM control DC/DC converter controller.
2) High voltage input : 3.6 to 35V.
3) Reference voltage accuracy :±1%.
4) Oscillating frequency changeable : 20 to 800kHz.
5) Built-in UVLO (Under voltage lock out) circuit and SCP
(Short circuit protection) circuit.
6) Current at stand-by mode : 0
µA (typ.)
7) Switching external synchronization available. (slave operation)
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
VCC
36
V
BD9300
BD9300FV
BD9300F
950
450
400
mW
Topr
Pd
°C
°C
Tstg
−40 to +85
−55 to +125
∗1
∗2
∗3
∗1 Derating : 9.5mW/°C for operation above Ta=25°C.
∗2 Derating : 4.5mW/°C for operation above Ta=25°C.
∗3 Derating : 4.0mW/°C for operation above Ta=25°C.
Supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Recommended operating conditions (Ta = 25
°C)
Parameter
Unit
Symbol
VCC
Typ.
12
Min.
3.6
Max.
35
V
Supply voltage


Similar Part No. - BD9300F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9300F ROHM-BD9300F Datasheet
871Kb / 17P
   Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD9300FV ROHM-BD9300FV Datasheet
212Kb / 6P
   1ch Switching Regulator Controller
BD9300FV ROHM-BD9300FV Datasheet
871Kb / 17P
   Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
BD9300F ROHM-BD9300F_08 Datasheet
871Kb / 17P
   Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
More results

Similar Description - BD9300F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
   DC / DC Converter Controller
LV5052V SANYO-LV5052V Datasheet
110Kb / 9P
   DC/DC Converter Controller
logo
RICOH electronics devic...
RV5VH RICOH-RV5VH Datasheet
384Kb / 47P
   DC/DC CONVERTER CONTROLLER
logo
First Silicon Co., Ltd
FAC34063AP FS-FAC34063AP Datasheet
327Kb / 7P
   DC/DC Converter Controller
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com