Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAU8220 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NAU8220
Description  2Vrms Audio Line Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NAU8220 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NAU8220 Datasheet HTML 1Page - List of Unclassifed Manufacturers NAU8220 Datasheet HTML 2Page - List of Unclassifed Manufacturers NAU8220 Datasheet HTML 3Page - List of Unclassifed Manufacturers NAU8220 Datasheet HTML 4Page - List of Unclassifed Manufacturers NAU8220 Datasheet HTML 5Page - List of Unclassifed Manufacturers NAU8220 Datasheet HTML 6Page - List of Unclassifed Manufacturers NAU8220 Datasheet HTML 7Page - List of Unclassifed Manufacturers NAU8220 Datasheet HTML 8Page - List of Unclassifed Manufacturers NAU8220 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NAU8220
Datasheet Revision 2.0
Page 3 of 19
5
Pin Description
Pin No.
Pin Name
Type Description
1
RINP
AI
Right Channel Positive Input
2
RINN
AI
Right Channel Negative Input
3
ROUT
O
Right Channel Line Output
4
GND
P
Ground
5
MUTEB
I
Mute Bar
6
VEE
IO
Charge Pump Decoupling Output (Negative Voltage)
7
CN
IO
Charge Pump Capacitor Negative Node
8
CP
IO
Charge Pump Capacitor Positive Node
9
VDD
P
Positive Voltage Supply
10
GND
P
Ground
11
UVP
I
Under Voltage Protection
12
LOUT
O
Left Channel Line Output
13
LINN
AI
Left Channel Negative Input
14
LINP
AI
Left Channel Positive Input
Table 1 Pin Description


Similar Part No. - NAU8220

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU8220 NUVOTON-NAU8220 Datasheet
399Kb / 19P
   2Vrms Audio Line Driver
NAU8220SG NUVOTON-NAU8220SG Datasheet
399Kb / 19P
   2Vrms Audio Line Driver
NAU8220WG NUVOTON-NAU8220WG Datasheet
399Kb / 19P
   2Vrms Audio Line Driver
More results

Similar Description - NAU8220

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NAU8220 NUVOTON-NAU8220 Datasheet
399Kb / 19P
   2Vrms Audio Line Driver
logo
SG Micro Corp
SGM89000 SGMICRO-SGM89000 Datasheet
1Mb / 14P
   Capless 2Vrms Line Driver
SGM8904 SGMICRO-SGM8904 Datasheet
1Mb / 12P
   Capless 2Vrms to 3Vrms Line Driver
SGM8905 SGMICRO-SGM8905 Datasheet
1Mb / 13P
   Capless 2Vrms to 3Vrms Line Driver
logo
Wolfson Microelectronic...
WM3100 WOLFSON-WM3100 Datasheet
281Kb / 13P
   High Performance Stereo 2Vrms Line Driver
logo
SG Micro Corp
SGM8902 SGMICRO-SGM8902 Datasheet
1Mb / 14P
   Capless 2Vrms to 3Vrms Line Driver
logo
Texas Instruments
DRV602 TI-DRV602 Datasheet
243Kb / 12P
[Old version datasheet]   DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
logo
TECHCODE SEMICONDUCTOR,...
TD9731 TECHCODE-TD9731 Datasheet
1Mb / 16P
   Capless 2Vrms to 3Vrms Line Driver with Adjustable Gain
logo
Texas Instruments
DRV604 TI-DRV604 Datasheet
878Kb / 21P
[Old version datasheet]   DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
logo
Unisonic Technologies
PA3632G-P14-R UTC-PA3632G-P14-R Datasheet
230Kb / 9P
   Stereo Direct Audio Line driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com