Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T60060-1CR Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # T60060-1CR
Description  Low-Peak Yellow Time Lag Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

T60060-1CR Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  T60060-1CR Datasheet HTML 1Page - Cooper Bussmann, Inc. T60060-1CR Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12-21-98
SB98107
Rev. A
Low-Peak® Yellow Time Lag Fuses
LPT
Class T – 600 Volts, 35-60 Amps
Bussmann®
Current Limitation Curves
Time-Current Characteristic Curves–Average Melt
CURRENT IN AMPERES
AMPERE
RATING
1
.1
.01
100
10
1,000
RMS SYMMETRICAL CURRENTS IN AMPERES
A–B=ASYMMETRICAL AVAILABLE PEAK (2.3 X SYMM RMS AMPS)
60
35
100,000
10,000
1,000
100
400,000
A
B
Form No. LPT
Page 2 of 2
BIF Document: 1031
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
Motor Application
Per NEC 430-52: LPT fuses may be sized at a maximum of
300% of motor F.L.A. (or next standard fuse size, if 300%
does not correspond to a standard fuse size). For longer
acceleration times, fuse sizing can be increased but shall not
exceed 400%.


Similar Part No. - T60060-1CR

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
T60060-1CR EATON-T60060-1CR Datasheet
895Kb / 4P
   Class T 600V open fuse blocks
More results

Similar Description - T60060-1CR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-3812TL-T BOURNS-SF-3812TL-T Datasheet
563Kb / 7P
   Time Lag & Low Power SMD Fuses
SF-0603SP BOURNS-SF-0603SP Datasheet
503Kb / 4P
   Time Lag Surface Mount Fuses
SF-1206SP BOURNS-SF-1206SP Datasheet
486Kb / 4P
   Time Lag Surface Mount Fuses
SF-0603SPXXXM BOURNS-SF-0603SPXXXM Datasheet
442Kb / 5P
   Time Lag Multilayer Surface Mount Fuses
SF-1206SPXXXM BOURNS-SF-1206SPXXXM Datasheet
451Kb / 5P
   Time Lag Multilayer Surface Mount Fuses
SF-2410SPXXXW BOURNS-SF-2410SPXXXW Datasheet
497Kb / 5P
   Time Lag Wire Core Surface Mount Fuses
logo
Littelfuse
37411000000 LITTELFUSE-37411000000 Datasheet
196Kb / 3P
   Radial Lead Fuses TR5짰 > Time Lag > 374 Series
38213150000 LITTELFUSE-38213150000 Datasheet
395Kb / 3P
   Radial Lead Fuses TR5짰 > Time-Lag > 382 Series
logo
Bourns Electronic Solut...
SF-3812SP-T BOURNS-SF-3812SP-T Datasheet
260Kb / 6P
   SF-3812SP-T Series – Time Lag SMD Fuses
REV. 04/21
logo
Littelfuse
37411000410 LITTELFUSE-37411000410 Datasheet
196Kb / 3P
   Radial Lead Fuses TR5짰 > Time Lag > 374 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com