Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV1614T-90CC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV1614T-90CC
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV1614T-90CC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV1614T-90CC Datasheet HTML 1Page - ATMEL Corporation AT49BV1614T-90CC Datasheet HTML 2Page - ATMEL Corporation AT49BV1614T-90CC Datasheet HTML 3Page - ATMEL Corporation AT49BV1614T-90CC Datasheet HTML 4Page - ATMEL Corporation AT49BV1614T-90CC Datasheet HTML 5Page - ATMEL Corporation AT49BV1614T-90CC Datasheet HTML 6Page - ATMEL Corporation AT49BV1614T-90CC Datasheet HTML 7Page - ATMEL Corporation AT49BV1614T-90CC Datasheet HTML 8Page - ATMEL Corporation AT49BV1614T-90CC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Features
2.7V to 3.3V Read/Write
Access Time - 90 ns
Sector Erase Architecture
– Thirty 32K Word (64K Byte) Sectors with Individual Write Lockout
– Eight 4K Word (8K Byte) Sectors with Individual Write Lockout
– Two 16K Word (32K Byte) Sectors with Individual Write Lockout
Fast Word Program Time - 20 µs
Fast Sector Erase Time - 200 ms
Dual Plane Organization, Permitting Concurrent Read while Program/Erase
Memory Plane A: Eight 4K Word, Two 16K Word and Six 32K Word Sectors
Memory Plane B: Twenty-four 32K Word Sectors
Erase Suspend Capability
– Supports Reading/Programming Data from Any Sector by Suspending Erase of
Any Different Sector
Low-power Operation
–25 mA Active
– 10 µA Standby
Data Polling, Toggle Bit, Ready/Busy for End of Program Detection
Optional VPP Pin for Fast Programming
RESET Input for Device Initialization
Sector Program Unlock Command
TSOP, CBGA, and µBGA Package Options
Top or Bottom Boot Block Configuration Available
Description
The AT49BV16X4(T) is 2.7- to 3.3-volt 16-megabit Flash memory organized as
1,048,576 words of 16 bits each or 2,097,152 bytes of 8 bits each. The x16 data
appears on I/O0 - I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided
into 40 sectors for erase operations. The device is offered in 48-pin TSOP and 48-ball
µBGA packages. The device has CE, and OE control signals to avoid any bus
16-megabit
(1M x 16/2M x 8)
3-volt Only
Flash Memory
AT49BV1604
AT49BV1604T
AT49BV1614
AT49BV1614T
Rev. 0925H–08/99
Pin Configurations
Pin Name
Function
A0 - A19
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
RDY/BUSY
READY/BUSY Output
VPP
Optional Power Supply for Faster
Program/Erase Operations
I/O0 - I/O14
Data Inputs/Outputs
I/O15 (A-1)
I/O15 (Data Input/Output, Word Mode)
A-1 (LSB Address Input, Byte Mode)
BYTE
Selects Byte or Word Mode
NC
No Connect
VCCQ
Output Power Supply
DC
Don’t Connect
(continued)


Similar Part No. - AT49BV1614T-90CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1614T-90CC ATMEL-AT49BV1614T-90CC Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
More results

Similar Description - AT49BV1614T-90CC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV160 ATMEL-AT49BV160 Datasheet
308Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV1604 ATMEL-AT49BV1604 Datasheet
214Kb / 18P
   16-Megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV160D ATMEL-AT49BV160D Datasheet
460Kb / 29P
   16-megabit (1M x 16) 3-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com