Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMP-400 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PMP-400
Description  Quik-Spec Power Module Panel
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PMP-400 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PMP-400 Datasheet HTML 1Page - List of Unclassifed Manufacturers PMP-400 Datasheet HTML 2Page - List of Unclassifed Manufacturers PMP-400 Datasheet HTML 3Page - List of Unclassifed Manufacturers PMP-400 Datasheet HTML 4Page - List of Unclassifed Manufacturers PMP-400 Datasheet HTML 5Page - List of Unclassifed Manufacturers PMP-400 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data 1146
Effective July 2014
Quik-Spec Power Module Panel
All-in-one elevator disconnect
EATON www.eaton.com
Module switch options, X dimensions and lug data
Switch
Conductors
Amp rating
Mounting
“X” unitsper phase
Terminal wire range
600V – branch switch unit1
30
Horizontal
6X
1
#14 - 1/0 Al or Cu
30-30
Horizontal
6X
1
#14 - 1/0 Al or Cu
60
Horizontal
6X
1
#14 - 1/0 Al or Cu
60-60
Horizontal
6X
1
#14 - 1/0 Al or Cu
100
Horizontal
6X
1
#14 - 1/0 Al or Cu
100-100
Horizontal
6X
1
#14 - 1/0 Al or Cu
200
Horizontal
6X
1
#4 - 300 kcmil Al or Cu
200-200
Horizontal
6X
1
#4 - 300 kcmil Al or Cu
600V - main fused switch
400
Horizontal
1X
1 or 2(1) 250 - 750kcmil (2) 3/0 - 250 kcmil Al or Cu
600
Horizontal
3X
1 or 2(1) #4 - 600kcmil (2) 1/0 - 250 kcmil Al or Cu
800
Vertical
9X
1 or 2(1) 250 - 750kcmil (2) 3/0 - 250 kcmil Al or Cu
1
May mix switch amps 30 to 200A: 30/60, 30/100, 30/200, etc.
Main lugs terminal data standard mechanical lugs
Main amp Conductors
Min. wire bending space (inches)2
rating
per phase
Terminal wire range
AB
C
400
13/0 - 750 kcmil Al or Cu
14.00
10.625
7.00
23/0 - 250 kcmil Al or Cu
600
2
#4 - 500 kcmil Al or Cu
14.00
10.625
7.00
800
4
#2 - 600kcmil Al or Cu
18.00
10.625
7.00
2
Wire bending space can vary per local codes and standards requirements.
Top
A
B
CC
Standard panel box dimension with available panel space
Dimensions (inches)
Amps
H x W x D
“X” units3
400
57 x 40 x 10.4
18X
600
73.5 x 44 x 10.4
30X
800
90 x 44 x 10.4
40X
3
Where X Units exceed panel space, use feed-through lugs and second enclosure.
Feed-through lugs
Amps
“X” Space
400
3X
600
3X
800
7X
Wire bending space per NEC® Table 312.6(A)
Accessory control enclosure
ACE6X
Each ACE will handle individual control power transformers and isolation relays for up to
four switch units.
X
MLO Incoming* - Top or Bottom
Accessory Control Enclosure
(ACE)**
6
30A
30A
60A
60A
100A
100A
6
200A
200A
Feed-Through Lugs
Branch
Unit
Mounting
Space
40"
* MLO standard, x-space does not affect brand x-space available.
** One ACE unit per four shunt trip module switches.
*** See table.
***
6
6
6
0213
BU-SB08354
Page 2 of 6
Data Sheet 1146


Similar Part No. - PMP-400

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PMP-3R-10B MERRIMAC-PMP-3R-10B Datasheet
108Kb / 1P
   ANALOG PHASE MODULATOR
PMP-3R-500B MERRIMAC-PMP-3R-500B Datasheet
108Kb / 1P
   ANALOG PHASE MODULATOR
logo
DDK Ltd.
PMP-LR-PS DDK-PMP-LR-PS Datasheet
712Kb / 3P
   Automotive Coaxial Connector
PMP-SP-1.5D-CR3 DDK-PMP-SP-1.5D-CR3 Datasheet
712Kb / 3P
   Automotive Coaxial Connector
PMP-SP-1D-CR3 DDK-PMP-SP-1D-CR3 Datasheet
712Kb / 3P
   Automotive Coaxial Connector
More results

Similar Description - PMP-400

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
COG-C150FAG-01 VARITRONIX-COG-C150FAG-01 Datasheet
90Kb / 1P
   MODULE SPEC
COG-C286FVJ-01 VARITRONIX-COG-C286FVJ-01 Datasheet
39Kb / 1P
   MODULE SPEC
COG-C177MVH-01 VARITRONIX-COG-C177MVH-01 Datasheet
130Kb / 1P
   MODULE SPEC
COG-T130MLH-01 VARITRONIX-COG-T130MLH-01 Datasheet
216Kb / 1P
   MODULE SPEC
logo
List of Unclassifed Man...
ATS2825 ETC2-ATS2825 Datasheet
815Kb / 23P
   Bluetooth Module SPEC
AP6356 ETC2-AP6356 Datasheet
1Mb / 35P
   2x2 WiFi Bluetooth4.1 Module Spec Sheet
AP6356S ETC2-AP6356S Datasheet
1Mb / 35P
   2x2 WiFi Bluetooth4.1 Module Spec Sheet
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
   TFT LCD Panel Power Module
REV. D
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
   TFT LCD Panel Power Module
REV. D
logo
Bel Fuse Inc.
X5536500D1-F BEL-X5536500D1-F Datasheet
65Kb / 2P
   ELECTRICAL SPEC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com