Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1510621110 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1510621110
Description  2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1510621110 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1510621110 Datasheet HTML 1Page - Molex Electronics Ltd. 1510621110 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/15/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1510621110
Status:
Active
Overview:
Milli-Grid™ Connector System
Description:
2.00mm Pitch Milli-Grid™ Header, Surface Mount, Single Row, Vertical, 0.05µm Gold
(Au) Plating, without Peg, without Pick and Place Cap, 10 Circuits, Lead-free
Documents:
Drawing (PDF)
Packaging Specification PK-151062-0001 (PDF)
Product Specification PS-151062-0001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
151062
Application
Signal, Wire-to-Board
Comments
See Product Specification for maximum current rating by
wire AWG
Overview
Milli-Grid™ Connector System
Product Name
Milli-Grid™
UPC
889056642477
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
Liquid Crystal Polymer
Net Weight
928.130/mg
Number of Rows
1
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tube
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
2.00mm
Plating min - Mating
0.050µm
Plating min - Termination
2.000µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +70°C
Termination Interface: Style
Surface Mount
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
151062 Series
Mates With
Milli-Grid™ Receptacle Housing 151100


Similar Part No. - 1510621110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1510621104 MOLEX1-1510621104 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid??Header, Surface Mount, Single Row, Vertical, 0.05關m Gold Plating
1510621105 MOLEX1-1510621105 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold Plating
1510621106 MOLEX1-1510621106 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
1510621107 MOLEX1-1510621107 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold plating
1510621109 MOLEX1-1510621109 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
More results

Similar Description - 1510621110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1510621106 MOLEX1-1510621106 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
1510621156 MOLEX1-1510621156 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
1510621157 MOLEX1-1510621157 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
1510621152 MOLEX1-1510621152 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
1510621154 MOLEX1-1510621154 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
1510621159 MOLEX1-1510621159 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
1510621160 MOLEX1-1510621160 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
1510621109 MOLEX1-1510621109 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
1510621153 MOLEX1-1510621153 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold
1510621158 MOLEX1-1510621158 Datasheet
46Kb / 2P
   2.00mm Pitch Milli-Grid Header, Surface Mount, Single Row, Vertical, 0.05關m Gold Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com